Electronic Components Datasheet Search
  English  ▼

X  

HIP6018B Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HIP6018B
Description  Advanced PWM and Dual Linear Power Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6018B Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HIP6018B Datasheet HTML 7Page - Renesas Technology Corp HIP6018B Datasheet HTML 8Page - Renesas Technology Corp HIP6018B Datasheet HTML 9Page - Renesas Technology Corp HIP6018B Datasheet HTML 10Page - Renesas Technology Corp HIP6018B Datasheet HTML 11Page - Renesas Technology Corp HIP6018B Datasheet HTML 12Page - Renesas Technology Corp HIP6018B Datasheet HTML 13Page - Renesas Technology Corp HIP6018B Datasheet HTML 14Page - Renesas Technology Corp HIP6018B Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
HIP6018B
FN4586 Rev 3.00
Page 13 of 15
April 1, 2005
Use a mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use ceramic capacitance for
the high frequency decoupling and bulk capacitors to supply
the RMS current. Small ceramic capacitors should be placed
very close to the upper MOSFET to suppress the voltage
induced in the parasitic circuit impedances.
For a through hole design, several electrolytic capacitors
(Panasonic HFQ series or Nichicon PL series or Sanyo MV-GX
or equivalent) may be needed. For surface mount designs, solid
tantalum capacitors can be used, but caution must be exercised
with regard to the capacitor surge current rating. These
capacitors must be capable of handling the surge-current at
power-up. The TPS series available from AVX, and the 593D
series from Sprague are both surge current tested.
MOSFET Selection/Considerations
The HIP6018B requires 3 N-Channel power MOSFETs. Two
MOSFETs are used in the synchronous-rectified buck topology
of the PWM converter. The linear controller drives a MOSFET
as a pass transistor. These should be selected based upon
rDS(ON), gate supply requirements, and thermal management
requirements.
PWM1 MOSFET Selection and Considerations
In high-current PWM applications, the MOSFET power
dissipation, package selection and heatsink are the dominant
design factors. The power dissipation includes two loss
components; conduction loss and switching loss. These losses
are distributed between the upper and lower MOSFETs according
to duty factor (see the equations below). The conduction loss is
the only component of power dissipation for the lower MOSFET.
Only the upper MOSFET has switching losses, since the lower
device turns on into near zero voltage.
The equations below assume linear voltage-current transitions
and do not model power loss due to the reverse-recovery of the
lower MOSFET’s body diode. The gate-charge losses are
proportional to the switching frequency (FS) and are dissipated by
the HIP6018B, thus not contributing to the MOSFETs’
temperature rise. However, large gate charge increases the
switching interval, tSW which increases the upper MOSFET
switching losses. Ensure that both MOSFETs are within their
maximum junction temperature at high ambient temperature by
calculating the temperature rise according to package thermal
resistance specifications. A separate heatsink may be necessary
depending upon MOSFET power, package type, ambient
temperature and air flow.
The rDS(ON) is different for the two previous equations even if the
type device is used for both. This is because the gate drive applied
to the upper MOSFET is different than the lower MOSFET. Figure
14 shows the gate drive where the upper gate-to-source voltage is
approximately VCC less the input supply. For +5V main power and
+12VDC for the bias, the gate-to-source voltage of Q1 is 7V. The
lower gate drive voltage is +12VDC. A logic-level MOSFET is a
good choice for Q1 and a logic-level MOSFET can be used for Q2 if
its absolute gate-to-source voltage rating exceeds the maximum
voltage applied to VCC.
Rectifier CR1 is a clamp that catches the negative inductor
voltage swing during the dead time between the turn off of the
lower MOSFET and the turn on of the upper MOSFET. The diode
must be a Schottky type to prevent the lossy parasitic MOSFET
body diode from conducting. It is acceptable to omit the diode and
let the body diode of the lower MOSFET clamp the negative
inductor swing, but efficiency might drop one or two percent as a
result. The diode's rated reverse breakdown voltage must be
greater than twice the maximum input voltage.
Linear Controller MOSFET Selection
The main criteria for the selection of a transistor for the linear
regulator is package selection for efficient removal of heat. The
power dissipated in a linear regulator is:
Select a package and heatsink that maintains the junction
temperature below the maximum rating while operating at the
highest expected ambient temperature.
Additionally, if selecting a bipolar NPN transistor, insure the gain
(hfe) at the minimum operating temperature and given collector-
to-emitter voltage is sufficiently high as to deliver the worst-case
steady state current required by the GTL output, when the
transistor is driven with the minimum guaranteed DRIVE3 output
current. For example, operating at “T” junction temperature, 3.3V
input, and 1.5V output (VCE = 1.8V) the NPN’s gain should satisfy
the following equation:
PUPPER
IO
2
rDS ON

VOUT
VIN
------------------------------------------------------------
IO VIN
tSW
FS
2
----------------------------------------------------
+
=
PLOWER
IO
2
rDS ON

VIN VOUT
–

VIN
---------------------------------------------------------------------------------
=
+12V
PGND
HIP6018B
GND
LGATE
UGATE
PHASE
VCC
+5V OR LESS
NOTE:
NOTE:
VGS VCC
Q1
Q2
+
-
FIGURE 14. OUTPUT GATE DRIVERS
VGS VCC -5V
CR1
PLINEAR
IO VIN VOUT
–

=
hfe
IGTL steady state
–

IDRIVE3 min

-----------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com