Electronic Components Datasheet Search
  English  ▼

X  

HIP6021 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HIP6021
Description  Advanced PWM and Triple Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6021 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HIP6021 Datasheet HTML 7Page - Renesas Technology Corp HIP6021 Datasheet HTML 8Page - Renesas Technology Corp HIP6021 Datasheet HTML 9Page - Renesas Technology Corp HIP6021 Datasheet HTML 10Page - Renesas Technology Corp HIP6021 Datasheet HTML 11Page - Renesas Technology Corp HIP6021 Datasheet HTML 12Page - Renesas Technology Corp HIP6021 Datasheet HTML 13Page - Renesas Technology Corp HIP6021 Datasheet HTML 14Page - Renesas Technology Corp HIP6021 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
HIP6021
FN4684 Rev 1.00
Page 15 of 15
March 8, 2005
HIP6021 DC-DC Converter Application Circuit
Figure 12 shows an application circuit of a power supply for a
microprocessor computer system. The power supply provides the
microprocessor core voltage (VOUT1), the AGP bus voltage
(VOUT2), the GTL bus voltage (VOUT3), and the memory voltage
(VOUT4) from +3.3V, +5VDC, and +12VDC. For detailed
information on the circuit, including a Bill-of-Materials and circuit
board description, see Application Note AN9836. Also see
Intersil’s web page (http://www.intersil.com).
VID1
VID2
VID3
VID4
SS
GND
VCC
+5VIN
VID0
+12VIN
PGND
VSEN1
PGOOD
LGATE
UGATE
OCSET
PHASE
Q1,2
POWERGOOD
FB
COMP
VOUT2
VSEN2
DRIVE2
Q3
DRIVE3
VSEN3
DRIVE4
C25,26
VOUT3
VOUT4
C23,24
C12-19
HIP6021
Q4
L2
+
+
+
+
+
C7
L1
C1-6
C9
C8
R1
VOUT1
R2
R3
C20
C21
C22
C27
2x1000
F
2x1000
F
C10,11
2x1000
F
1
H
6x1000
F
1
F
1
F
1000pF
8x1000
F
0.1
F
4.2
H
0.22
F
10pF
2.7nF
10.2K
1.62k
GND
(3.3V or 1.5V)
(1.5V)
(1.8V)
VSEN4
TYPEDET
SELECT
+3.3VIN
R5
499K
R4
150K
SD
FIX
1.0K
Q5
U1
1
2
3
4
5
6
7
8
9
10
11
12
13
16
15
14
17
18
19
20
21
22
23
24
25
26
27
28
FAULT/RT
VAUX
HUF76107D3S
HUF76107D3S
HUF76121D3S
2xHUF76143S3S
(1.3V-3.5V)
FIGURE 12. POWER SUPPLY APPLICATION CIRCUIT FOR A MICROPROCESSOR COMPUTER SYSTEM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com