Electronic Components Datasheet Search
  English  ▼

X  

HIP6301CB Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HIP6301CB
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6301CB Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HIP6301CB Datasheet HTML 8Page - Renesas Technology Corp HIP6301CB Datasheet HTML 9Page - Renesas Technology Corp HIP6301CB Datasheet HTML 10Page - Renesas Technology Corp HIP6301CB Datasheet HTML 11Page - Renesas Technology Corp HIP6301CB Datasheet HTML 12Page - Renesas Technology Corp HIP6301CB Datasheet HTML 13Page - Renesas Technology Corp HIP6301CB Datasheet HTML 14Page - Renesas Technology Corp HIP6301CB Datasheet HTML 15Page - Renesas Technology Corp HIP6301CB Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
HIP6301
FN4765 Rev 6.00
Page 12 of 17
December 27, 2004
Current Sensing and Balancing
Overview
The HIP6301 samples the on-state voltage drop across each
synchronous rectifier FET, Q2, as an indication of the
inductor current in that phase, see Figure 7. Neglecting AC
effects (to be discussed later), the voltage drop across Q2 is
simply rDS(ON)(Q2) x inductor current (IL). Note that IL, the
inductor current, is either 1/2, 1/3, or 1/4 of the total current
(ILT), depending on how many phases are in use.
The voltage at Q2’s drain, the PHASE node, is applied to the
RISEN resistor to develop the IISEN current to the HIP6301
ISEN pin. This pin is held at virtual ground, so the current
through RISEN is
The IISEN current provides information to perform the
following functions:
1. Detection of an overcurrent condition
2. Reduce the regulator output voltage with increasing load
current (droop)
3. Balance the IL currents in multiple channels
Overcurrent, Selecting RISEN
The current detected through the RISEN resistor is averaged
with the current(s) detected in the other 1, 2, or 3 channels.
The averaged current is compared with a trimmed, internally
generated current, and used to detect an overcurrent
condition.
The nominal current through the RISEN resistor should be
50
A at full output load current, and the nominal trip point for
overcurrent detection is 165% of that value, or 82.5
A
Therefore,
.
For a full load of 25A per phase, and an rDS(ON) (Q2) of
4m
, RISEN = 2k.
The overcurrent trip point would be 165% of 25A, or ~ 41A
per phase. The RISEN value can be adjusted to change the
overcurrent trip point, but it is suggested to stay within
25%
of nominal.
Droop, Selection of RIN
The average of the currents detected through the RISEN
resistors is also steered to the FB pin. There is no DC return
path connected to the FB pin except for RIN, so the average
FIGURE 7. SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM SHOWING CURRENT AND VOLTAGE SAMPLING
CURRENT
SENSING
COMPARATOR
PWM
CIRCUIT
AVERAGING
CURRENT
FROM
OTHER
CHANNELS
SAWTOOTH
GENERATOR
+
DIFFERENCE
RISEN
+
CORRECTION
ERROR
AMPLIFIER
FB
COMP
REFERENCE
TO OTHER
CHANNELS
ISEN
RIN
RFB
Cc
VCORE
Q1
Q2
COMPARATOR
REFERENCE
TO OVER
CURRENT
TRIP
L01
PHASE
INDUCTOR
CURRENT(S)
FROM
OTHER
CHANNELS
PWM
IL
DAC
HIP6301
VIN
ONLY ONE OUTPUT
HIP6601B
-
-
STAGE SHOWN
-
+
SENSING
-
+
-
+
IL
rDS ON
 Q2

RISEN
------------------------------------
=
RISEN
IL
rDS ON
 Q2

50
A
----------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com