Electronic Components Datasheet Search
  English  ▼

X  

HIP6302 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP6302
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6302 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP6302 Datasheet HTML 1Page - Renesas Technology Corp HIP6302 Datasheet HTML 2Page - Renesas Technology Corp HIP6302 Datasheet HTML 3Page - Renesas Technology Corp HIP6302 Datasheet HTML 4Page - Renesas Technology Corp HIP6302 Datasheet HTML 5Page - Renesas Technology Corp HIP6302 Datasheet HTML 6Page - Renesas Technology Corp HIP6302 Datasheet HTML 7Page - Renesas Technology Corp HIP6302 Datasheet HTML 8Page - Renesas Technology Corp HIP6302 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FN4766 Rev.3.00
Page 1 of 16
December 27, 2004
FN4766
Rev.3.00
December 27, 2004
HIP6302
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
DATASHEET
The HIP6302 multi-phase PWM control IC together with its
companion gate drivers, the HIP6601, HIP6602 or HIP6603
and Intersil MOSFETs provides a precision voltage
regulation system for advanced microprocessors.
Multiphase power conversion is a marked departure from
earlier single phase converter configurations previously
employed to satisfy the ever increasing current demands of
modern microprocessors. Multi-phase convertors, by
distributing the power and load current results in smaller and
lower cost transistors with fewer input and output capacitors.
These reductions accrue from the higher effective
conversion frequency with higher frequency ripple current
due to the phase interleaving process of this topology. For
example, a two phase convertor operating at 350kHz will
have a ripple frequency of 700kHz. Moreover, greater
convertor bandwidth of this design results in faster response
to load transients.
Outstanding features of this controller IC include
programmable VID codes from the microprocessor that
range from 1.100V to 1.850V with a system accuracy of
1%. Pull up currents on these VID pins eliminates the need
for external pull up resistors. In addition “droop”
compensation, used to reduce the overshoot or undershoot
of the CORE voltage, is easily programmed with a single
resistor.
Another feature of this controller IC is the PGOOD monitor
circuit which is held low until the CORE voltage increases,
during its Soft-Start sequence, to within 10% of the
programmed voltage. Over-voltage, 15% above
programmed CORE voltage, results in the converter shutting
down and turning the lower MOSFETs ON to clamp and
protect the microprocessor. Under voltage is also detected
and results in PGOOD low if the CORE voltage falls 10%
below the programmed level. Over-current protection
reduces the regulator current to less than 25% of the
programmed trip value. These features provide monitoring
and protection for the microprocessor and power system.
Features
• Multi-Phase Power Conversion
• Precision Channel Current Sharing
- Loss Less Current Sampling - Uses rDS(ON)
• Precision CORE Voltage Regulation
-
1% System Accuracy Over Temperature
• Microprocessor Voltage Identification Input
- 5-Bit VID Input
- 1.100V to 1.850V in 25mV Steps
- Programmable “Droop” Voltage
• Fast Transient Recovery Time
• Over Current Protection
• High Ripple Frequency, (Channel Frequency) Times
Number Channels . . . . . . . . . . . . . . . . . .100kHz to 3MHz
• Pb-Free Available (RoHS Compliant)
Pinout
HIP6302 (SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. (oC)
PACKAGE
PKG. DWG. #
HIP6302CB
0 to 70
16 Ld SOIC
M16.15
HIP6302CBZ
(See Note)
0 to 70
16 Ld SOIC
(Pb-Free)
M16.15
HIP6302CBZA
(See Note)
0 to 70
16 Ld SOIC
(Pb-Free)
M16.15
HIP6302EVAL1
Evaluation Platform
*Add “-T” suffix to part number for tape and reel packaging.
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination finish,
which are RoHS compliant and compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at Pb-free
peak reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
VID4
VID3
VID2
VID1
VID0
FS/DIS
VSEN
PGOOD
PWM1
PWM2
VCC
FB
ISEN1
COMP
ISEN2
GND
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8


Similar Part No. - HIP6302

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6302 INTERSIL-HIP6302 Datasheet
184Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
February 2000
HIP6302 INTERSIL-HIP6302 Datasheet
441Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
HIP6302CB INTERSIL-HIP6302CB Datasheet
184Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
February 2000
HIP6302CB INTERSIL-HIP6302CB Datasheet
441Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
HIP6302CB INTERSIL-HIP6302CB Datasheet
459Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
More results

Similar Description - HIP6302

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6301 INTERSIL-HIP6301 Datasheet
191Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
2000 03
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
August 2004
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com