Electronic Components Datasheet Search
  English  ▼

X  

HIP6302VCB Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HIP6302VCB
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6302VCB Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HIP6302VCB Datasheet HTML 7Page - Renesas Technology Corp HIP6302VCB Datasheet HTML 8Page - Renesas Technology Corp HIP6302VCB Datasheet HTML 9Page - Renesas Technology Corp HIP6302VCB Datasheet HTML 10Page - Renesas Technology Corp HIP6302VCB Datasheet HTML 11Page - Renesas Technology Corp HIP6302VCB Datasheet HTML 12Page - Renesas Technology Corp HIP6302VCB Datasheet HTML 13Page - Renesas Technology Corp HIP6302VCB Datasheet HTML 14Page - Renesas Technology Corp HIP6302VCB Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
HIP6301V, HIP6302V
FN9034 Rev 3.00
Page 11 of 20
May 5, 2008
Fault Protection
The HIP6301V and HIP6302V protect the microprocessor
and the entire power system from damaging stress levels.
Within the controller, both overvoltage and overcurrent
circuits are incorporated to protect the load and regulator.
Overvoltage
The VSEN pin is connected to the microprocessor CORE
voltage. A CORE overvoltage condition is detected when the
VSEN pin goes more than 15% above the programmed VID
level.
The overvoltage condition is latched, disabling normal PWM
operation, and causing PGOOD to go low. The latch can
only be reset by lowering and returning VCC high to initiate a
POR and soft-start sequence.
During a latched overvoltage, the PWM outputs will be
driven either low or three state, depending upon the VSEN
input. PWM outputs are driven low when the VSEN pin
detects that the CORE voltage is 15% above the
programmed VID level. This condition drives the PWM
outputs low, causing in the lower or MOSFETs to conduct
and shunt the CORE voltage to ground to protect the load.
If after this event, the CORE voltage falls below the
overvoltage limit (plus some hysteresis), the PWM outputs
will be three state. The HIP6601 family drivers pass the
three state information along, and shuts off both upper and
lower MOSFETs. This prevents “dumping” of the output
capacitors back through the lower MOSFETs, avoiding a
possibly destructive ringing of the capacitors and output
inductors. If the conditions that caused the overvoltage still
persist, the PWM outputs will be cycled between three state
and VCORE clamped to ground, as a hysteretic shunt
regulator.
Undervoltage
The VSEN pin also detects when the CORE voltage falls
more than 10% below the VID programmed level. This
causes PGOOD to go low, but has no other effect on
operation and is not latched. There is also hysteresis in this
detection point.
Overcurrent
In the event of an overcurrent condition, the overcurrent
protection circuit reduces the average current delivered to
less than 25% of the current limit. When an overcurrent
condition is detected, the controller forces all PWM outputs
into a three state mode. This condition results in the gate
driver removing drive to the output stages. The controller
goes into a wait delay timing cycle that is equal to the
soft-start ramp time. PGOOD also goes “low” during this time
due to VSEN going below its threshold voltage.To lower the
average output dissipation, the soft-start initial wait time is
increased from 32 to 2048 cycles, then the soft-start ramp is
initiated. At a PWM frequency of 200kHz, for instance, an
overcurrent detection would cause a dead time of 10.24ms,
then a ramp of 10.08ms.
At the end of the delay, PWM outputs are restarted and the
soft-start ramp is initiated. If a short is present at that time,
the cycle is repeated. This is the hiccup mode.
Figure 8 shows the supply shorted under operation and the
hiccup operating mode previously described. Note that due
to the high short circuit current, overcurrent is detected
before completion of the start-up sequence so the delay is
not quite as long as the normal soft-start cycle.
FIGURE 6. VCORE TRACKING THE REFERENCE VOLTAGE
AFTER A 1.85V TO 1.10V CHANGE COMMAND
1.85V
5.00V
5.00V
50µs/DIV
1.85V
PGOOD
VREF
VID CHANGE
VCORE
FIGURE 7. VCORE TRACKING THE REFERENCE VOLTAGE
AFTER A 1.10V TO 1.85V CHANGE COMMAND
1.10V
5.00V
5.00V
50µs/DIV
1.10V
PGOOD
VREF
VID CHANGE
VCORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com