Electronic Components Datasheet Search
  English  ▼

X  

LRTB-GFUG Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LRTB-GFUG
Description  black P-LCC-6 package for higher contrast (RGB-Displays) and diffused silicone resin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTB-GFUG Datasheet(HTML) 1 Page - OSRAM GmbH

  LRTB-GFUG Datasheet HTML 1Page - OSRAM GmbH LRTB-GFUG Datasheet HTML 2Page - OSRAM GmbH LRTB-GFUG Datasheet HTML 3Page - OSRAM GmbH LRTB-GFUG Datasheet HTML 4Page - OSRAM GmbH LRTB-GFUG Datasheet HTML 5Page - OSRAM GmbH LRTB-GFUG Datasheet HTML 6Page - OSRAM GmbH LRTB-GFUG Datasheet HTML 7Page - OSRAM GmbH LRTB-GFUG Datasheet HTML 8Page - OSRAM GmbH LRTB-GFUG Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LRTB GFUG
MULTILED Black
Enhanced optical Power LED (ThinFilm / ThinGaN)
Lead (Pb) Free Product - RoHS Compliant
Discontinued acc. OS-PD-2017-054
2017-11-14
1
Besondere Merkmale
•
Gehäusetyp: schwarzes P-LCC-6 Gehäuse zur
Kontrasterhöhung (RGB-Displays) und diffuser
Silikon-Verguß
•
Besonderheit des Bauteils: additive
Farbmischung durch unabhängige Ansteuerung
aller Chips
•
Wellenlänge: 625 nm (red), 528 nm (true green),
470 nm (blau)
•
Abstrahlwinkel: Lambertscher Strahler (120°)
•
Technologie: ThinFilm (rot), ThinGaN (true grün,
blau)
•
optischer Wirkungsgrad: 10 lm/W (rot),
17 lm/W (true grün), 4 lm/W (blau)
•
Gruppierungsparameter: Lichtstärke,
Wellenlänge
•
Verarbeitungsmethode: für alle
SMT-Bestücktechniken geeignet
•
Lötmethode: Reflow Löten
•
Vorbehandlung: nach JEDEC Level 4
•
Gurtung: 12 mm Gurt mit 1000/Rolle, ø180 mm
oder 4000/Rolle, ø330 mm
•
ESD-Festigkeit: ESD-sensitives Bauteil
Anwendungen
• Videoleinwände
•
Vollfarb-Displays
Features
•
package: black P-LCC-6 package for higher
contrast (RGB-Displays) and diffused silicone
resin
•
feature of the device: additive mixture of color
stimuli by independent driving of each chip
•
wavelength: 625 nm (red), 528 nm (true green),
470 nm (blue)
•
viewing angle: Lambertian Emitter (120°)
•
technology: ThinFilm (red),
ThinGaN (true green, blue)
•
optical efficiency: 10 lm/W (red),
17 lm/W (true green), 4 lm/W (blue)
•
grouping parameter: luminous intensity,
wavelength
•
assembly methods: suitable for all
SMT assembly methods
•
soldering methods: reflow soldering
•
preconditioning: acc. to JEDEC Level 4
•
taping: 12 mm tape with 1000/reel, ø180 mm
or 4000/reel, ø330 mm
•
ESD-withstand voltage: ESD sensitive device
Applications
• video walls in outdoor areas
•
full color displays


Similar Part No. - LRTB-GFUG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRTB-GFTG OSRAM-LRTB-GFTG Datasheet
975Kb / 25P
white P-LCC-6 package, higher contrast by a black surface (RGB-Displays) and diffused silicone resin
More results

Similar Description - LRTB-GFUG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRTBG6TG OSRAM-LRTBG6TG Datasheet
802Kb / 22P
white P-LCC-6 package, higher contrast by a black surface (RGB-Displays) and diffused silicone resin
LRTBG6SG OSRAM-LRTBG6SG Datasheet
854Kb / 23P
white P-LCC-6 package, diffused silicone resin
LRTBGFTG OSRAM-LRTBGFTG Datasheet
975Kb / 25P
white P-LCC-6 package, higher contrast by a black surface (RGB-Displays) and diffused silicone resin
LATB-T66B OSRAM-LATB-T66B Datasheet
553Kb / 20P
white P-LCC-4 package; higher contrast by a black surface (RGB-Displays) and diffused resin
LHGB-T686 OSRAM-LHGB-T686 Datasheet
655Kb / 19P
white P-LCC-4 package, higher contrast by a black surface (RGB-Displays)
LRTB-G6SG OSRAM-LRTB-G6SG Datasheet
354Kb / 23P
white P-LCC-6 package, diffused silicone resin
LRTB-G6TG OSRAM-LRTB-G6TG Datasheet
802Kb / 22P
white P-LCC-6 package, higher contrast by a black surface (RGB-Displays) and diffused silicone resin
LRTB-GFTG OSRAM-LRTB-GFTG Datasheet
975Kb / 25P
white P-LCC-6 package, higher contrast by a black surface (RGB-Displays) and diffused silicone resin
LRTB-R98G OSRAM-LRTB-R98G Datasheet
1Mb / 25P
black SMT package, higher contrast by a black surface (RGB-Displays) and diffused resin
LRT-GFTM OSRAM-LRT-GFTM Datasheet
403Kb / 24P
white PLCC-6 package, higher contrast by a black surface (RGY-Displays) and diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com