Electronic Components Datasheet Search
  English  ▼

X  

LRTB-GVTG Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LRTB-GVTG
Description  white PLCC-6 package, diffused silicone resin, higher contrast by a black surface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTB-GVTG Datasheet(HTML) 1 Page - OSRAM GmbH

  LRTB-GVTG Datasheet HTML 1Page - OSRAM GmbH LRTB-GVTG Datasheet HTML 2Page - OSRAM GmbH LRTB-GVTG Datasheet HTML 3Page - OSRAM GmbH LRTB-GVTG Datasheet HTML 4Page - OSRAM GmbH LRTB-GVTG Datasheet HTML 5Page - OSRAM GmbH LRTB-GVTG Datasheet HTML 6Page - OSRAM GmbH LRTB-GVTG Datasheet HTML 7Page - OSRAM GmbH LRTB-GVTG Datasheet HTML 8Page - OSRAM GmbH LRTB-GVTG Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LRTB GVTG
MULTILED
Data Sheet
Version 1.2
2018-03-29
1
Das Bauteil ist speziell für den Einsatz in
Vollfarb-Videoleinwänden entwickelt worden.
Die 6-lead Technologie läßt eine unahängige
Ansteuerung aller Chips zu und bietet dadurch
eine additive Farbmischung.
Merkmale
• Gehäusetyp: weißes PLCC-6 Gehäuse, diffuser
Silikon Verguss, Kontrasterhöhung durch
schwarze Oberfläche
• Farbe: Rot/True Grün/Blau, 625 nm (rot),
528 nm (true grün), 470 nm (blau)
• Abstrahlwinkel: Lambertscher Strahler (120°)
• Lötmethode: Reflow lötbar
• Vorbehandlung: nach JEDEC Level 4
• ESD-Festigkeit: ESD -sensitives Bauteil
Hauptanwendungen
• Videoleinwände
• Vollfarb-Displays
This device is especially designed for full color
video walls. The 6-lead technology admits an
additive mixture of color stimuli by
independent driving of each chip.
Features
• package: white PLCC-6 package, diffused
silicone resin, higher contrast by a black surface
• color: red/true green/ blue, 625 nm (red),
528 nm (true green), 470 nm (blue)
• viewing angle: Lambertian Emitter (120°)
• soldering methods: reflow solderable
• preconditioning: acc. to JEDEC Level 4
• ESD-withstand voltage: ESD sensitive device
Main Applications
• video walls
• full color displays


Similar Part No. - LRTB-GVTG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRTB-GVSG OSRAM-LRTB-GVSG Datasheet
753Kb / 31P
white PLCC-6 package, silicone resin
logo
ams-OSRAM AG
LRTB-GVSG AMSOSRAM-LRTB-GVSG Datasheet
753Kb / 31P
MULTILED
2017-06-15
LRTB-GVSR AMSOSRAM-LRTB-GVSR Datasheet
3Mb / 33P
OSIRE® E3635
2023-09-11
More results

Similar Description - LRTB-GVTG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRTBG6TG OSRAM-LRTBG6TG Datasheet
802Kb / 22P
white P-LCC-6 package, higher contrast by a black surface (RGB-Displays) and diffused silicone resin
LRTBGFTG OSRAM-LRTBGFTG Datasheet
975Kb / 25P
white P-LCC-6 package, higher contrast by a black surface (RGB-Displays) and diffused silicone resin
LWWW-G6SG OSRAM-LWWW-G6SG Datasheet
527Kb / 20P
white PLCC-6 package, colored diffused silicone resin
LRTB-G6TG OSRAM-LRTB-G6TG Datasheet
802Kb / 22P
white P-LCC-6 package, higher contrast by a black surface (RGB-Displays) and diffused silicone resin
LRTB-GFTG OSRAM-LRTB-GFTG Datasheet
975Kb / 25P
white P-LCC-6 package, higher contrast by a black surface (RGB-Displays) and diffused silicone resin
LRTB-GRTG OSRAM-LRTB-GRTG Datasheet
908Kb / 26P
white PLCC-6 package, diffused silicone resin
LRTB-GRUG OSRAM-LRTB-GRUG Datasheet
905Kb / 26P
black PLCC-6 package, diffused silicone resin
LRT-GFTM OSRAM-LRT-GFTM Datasheet
403Kb / 24P
white PLCC-6 package, higher contrast by a black surface (RGY-Displays) and diffused silicone resin
LTRB-GFSF OSRAM-LTRB-GFSF Datasheet
1Mb / 32P
white PLCC-6 package with diffused silicone resin
LYYY-G6SF OSRAM-LYYY-G6SF Datasheet
437Kb / 17P
white PLCC-6 package, diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com