Electronic Components Datasheet Search
  English  ▼

X  

M56783 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M56783
Description  3 CHANNEL ACTUATOR DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M56783 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M56783 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M56783 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M56783 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M56783 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M56783 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M56783 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M56783 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M56783 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M56783 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
3 CHANNEL ACTUATOR DRIVER
M56783AFP
MITSUBISHI <CONTROL / DRIVER IC>
THERMAL CHARACTERISTICS
This IC’s package is POWER-SSOP, so improving
the board on which the IC is mounted enables a large
power dissipation without a heat sink.
For example, using an 1 layer glass epoxy resin
board, the IC’s power dissipation is 2.6W at least. And
it comes to 3.9W by using an improved 2 layer board.
The information of the K, L, M type board is shown in
the board information.
THERMAL DERATING
°C
FUNCTION STOP
TEMPERATURE OF IC
Min.
Typ.
Max.
Symbol
Units
Parameter
TSD
Thermal Shut Down
—
125
—
FUNCTION START
TEMPERATURE OF IC
Min.
Typ.
Max.
—
165
—
Ambient Temperature Ta (
°C)
0
25
50
75
100
125
150
1.0
2.0
3.0
4.0
5.0
6.0
(W)
3.9W using K-type board
2.9W using L-type board
2.6W using M-type board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com