Electronic Components Datasheet Search
  English  ▼

X  

TMS37C136 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS37C136
Description  Controller Entry Transponder IC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS37C136 Datasheet(HTML) 1 Page - Texas Instruments

  TMS37C136 Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R AD IO F REQ U E N CY I DE N T IFIC AT I O N S YS TE MS
Controller Entry Transponder IC
TMS37C136 / TMS37F136
The Controller Entry Transponder (CET) combines a low-power
16bit microcontroller with the proven TI DST+ transponder plus a
sophisticated power management; it is the ideal device for Remote
Keyless Entry applications for automotive.
Base station
in the car
TMS
37C136
Identification
device
LF
UHF
UHF
receiver
LF Trans-
ceiver
Control
Unit
The embedded DST+ transponder offers a high level of security
through its encryption, mutual authentication and after-theft
diagnosis features; it operates without battery. The low-power
microcontroller MSP430 offers a 16bit RISC architecture, 8kByte
ROM and 11 I/O ports. The power management features battery
charge and battery check functions, which can be used for
charging of the battery through the transponder LF field.
The CET is available as flash (TMS37F136) and ROM (TMS37C136) version.
Specifications:
Part Number
TMS 37C136
Features
Immobilizer plus micro controller plus power management
Immobilizer compatible to DST+ (E9WK )
16bit RISC ultra low-power microcontroller MSP430
Battery Check / Charge function
Supply Voltage
1.8 … 3.6 V
Current consumption
Active: 350 µA (Vcc=3V/ fosc=1MHz ), Stand-by: 0.3 µA
Transponder
Transmission Principle
HDX (Half Duplex), FDX ( Full Duplex using amplitude Modulation)
Operating Frequency
134.2 kHz
Security
TI Challenge/Response, Mutual Authentication, Secure Issuer Access Mode
Modulation Downlink (to the TRP)
100% AM, Bit Coding PWM or PPM
Datarate Downlink
PWM: typ. 1,3kBit / PPM: typ. 2kBit
EEPROM Memory
127Byte (lockable) for User data, 25Byte for Encryption Keys, serial#, configuration
Microcontroller
Memory
8kByte ROM, 256Byte RAM
I/O ports
11
Other
On Chip Oscillator (accuracy +/- 4%)
Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
Package
30 Pin TSSOP DBT
For more information, contact the sales office or distributor nearest you. This contact information can be found
on our web site at:
http://www.ti-rfid.com
Texas Instruments reserves the right to change its products and services at any time without notice. TI provides customer assistance in various
technical areas, but does not have full access to data concerning the uses and applications of customers products. Therefore, TI assumes no
responsibility for customer product design or for infringement of patents and/or the rights of third parties, which may result from assistance
provided by TI.
© Copyright 2002 Texas Instruments Incorporated.
Data Sheet: 11-0-22-006 11/03


Similar Part No. - TMS37C136

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370 TI-TMS370 Datasheet
31Kb / 1P
RADIO FREQUENCY I DENTIFICATION SYSTEMS
TMS370 TI-TMS370 Datasheet
715Kb / 49P
8-BIT MICROCONTROLLER
TMS370 TI-TMS370 Datasheet
732Kb / 50P
8-BIT MICROCONTROLLER
TMS370 TI-TMS370 Datasheet
868Kb / 60P
8-BIT MICROCONTROLLER
TMS370 TI-TMS370 Datasheet
638Kb / 43P
8-BIT MICROCONTROLLER
More results

Similar Description - TMS37C136

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS37134 TI-TMS37134 Datasheet
58Kb / 1P
Entry Transponder IC
TMS3705 TI-TMS3705 Datasheet
494Kb / 23P
TRANSPONDER BASE STATION IC
logo
NXP Semiconductors
HTMS8201FTK NXP-HTMS8201FTK Datasheet
438Kb / 57P
HITAG transponder IC
Rev. 3.3-17 October 2014
logo
Texas Instruments
TMS3705 TI1-TMS3705_16 Datasheet
960Kb / 30P
Transponder Base Station IC
logo
NXP Semiconductors
HTSICH56 NXP-HTSICH56 Datasheet
252Kb / 21P
HITAG S transponder IC
Rev. 3.1-11 December 2014
logo
Texas Instruments
TMS3705 TI1-TMS3705_18 Datasheet
960Kb / 28P
Transponder Base Station IC
logo
NXP Semiconductors
PCF7946AT PHILIPS-PCF7946AT Datasheet
19Kb / 1P
Security Transponder plus Remote Keyless Entry
June 1999
HT1X NXP-HT1X Datasheet
132Kb / 9P
HITAG 1 transponder IC
Rev. 3.1-10 December 2014
HT2X NXP-HT2X Datasheet
122Kb / 9P
HITAG 2 transponder IC
Rev. 3.1-3 November 2014
HITAG NXP-HITAG Datasheet
781Kb / 44P
ISO 18000 transponder IC
Rev. 3.0 - 18 March 2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com