Electronic Components Datasheet Search
  English  ▼

X  

S1ML Datasheet(PDF) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # S1ML
Description  SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

S1ML Datasheet(HTML) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

  S1ML Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. S1ML Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
● Low profile space
● Ideal for automated placement
● Glass passivated chip junctions
● Low forward voltage drop
● Low leakage current
●High forward surge capability
●High temperature soldering:
260℃/10 seconds at terminals
●Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
MECHANICAL DATA
●Case: JEDEC SOD-123FL molded plastic
body over glass passivated chip
●Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
●Polarity: Laser band denotes cathode end
●Weight: 0.017gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SYMBOL
S1AL
S1BL
S1DL
S1GL
S1JL
S1KL
S1ML
MARKING
S1AL
S1BL
S1DL
S1GL
S1JL
S1KL
S1ML
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TL=100 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed On Rated Load (JEDEC Method)
Maximum Forward Voltage at 1.0A DC
VF
V
Maximum DC Reverse Current
@TA=25℃
at Rated DC Blocking Voltage
@TA=125℃
Thermal resistance from junction to ambient (Note1)
RθJL
℃/W
Typical Thermal Resistance
RθJA
℃/W
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
S1AL thru S1ML
SURFACE MOUNT
GLASS PASSIVATED RECTIFIERS
REVERSE VOLTAGE
- 50 to 1000Volts
FORWARD CURRENT - 1.0 Ampere
CHARACTERISTICS
UNIT
I(AV)
1.0
A
IFSM
25
A
1.0
IR
5.0
μA
50
35
150
-55 to +150
-55 to +150
Note1: Mounted on FR-4 P.C.B. With 0.9x1.5 mm copper pad areas (≈35
μm thick)
SOD-123FL
.002(0.05)
.010(0.25)
.138(3.5)
.154(3.9)
.047(1.2)
.031(0.8)
.043(1.1)
.020(0.5)
.004(0.1)max
.024(0.6)
.039(1.0)
.098(2.5)
.114(2.9)
www.szyxwkj.com


Similar Part No. - S1ML

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S1ML TSC-S1ML Datasheet
49Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1ML TSC-S1ML Datasheet
375Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1ML TSC-S1ML Datasheet
548Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1ML TSC-S1ML Datasheet
190Kb / 2P
1.0AMP Surface Mount Rectifiers
logo
Guangdong Kexin Industr...
S1ML KEXIN-S1ML Datasheet
795Kb / 2P
Rectifier Diodes
More results

Similar Description - S1ML

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
S2A HY-S2A Datasheet
37Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
S2AA HY-S2AA Datasheet
99Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
S3AB HY-S3AB_17 Datasheet
138Kb / 3P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
S3AB HY-S3AB_19 Datasheet
266Kb / 3P
Surface Mount Glass Passivated Rectifiers
S2A HY-S2A_19 Datasheet
271Kb / 3P
Surface Mount Glass Passivated Rectifiers
S1AL HY-S1AL_18 Datasheet
192Kb / 3P
Surface Mount Glass Passivated Rectifiers
S1A HY-S1A_19 Datasheet
268Kb / 3P
Surface Mount Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
SM1A DACO-SM1A Datasheet
153Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
SM5931 DACO-SM5931 Datasheet
962Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
S1AL HY-S1AL_V01 Datasheet
803Kb / 3P
Surface Mount Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com