Electronic Components Datasheet Search
  English  ▼

X  

ISL6413 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL6413
Description  Triple Output Regulator with Single Synchronous Buck and Dual LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6413 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL6413 Datasheet HTML 1Page - Renesas Technology Corp ISL6413 Datasheet HTML 2Page - Renesas Technology Corp ISL6413 Datasheet HTML 3Page - Renesas Technology Corp ISL6413 Datasheet HTML 4Page - Renesas Technology Corp ISL6413 Datasheet HTML 5Page - Renesas Technology Corp ISL6413 Datasheet HTML 6Page - Renesas Technology Corp ISL6413 Datasheet HTML 7Page - Renesas Technology Corp ISL6413 Datasheet HTML 8Page - Renesas Technology Corp ISL6413 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ISL6413
FN9129 Rev 0.00
Page 4 of 13
Oct 29, 2003
Absolute Maximum Ratings (Note 1)
Thermal Information
Supply Voltage VIN, PVCC, VIN_LDO. . . . . . . .GND -0.3V to +5.0V
ESD Classification
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TBDV
Operating Conditions
Temperature Range
ISL6413I . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance
JA (oC/W) JC (oC/W)
QFN Package (Notes 1, 2). . . . . . . . . .
40
5
Maximum Junction Temperature (Plastic Package) -55oC to 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(Lead Tips Only)
Operating Temperature Range
ISL6413IR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379 for details.
2.
For
JC, the “case temp” location is the center of the exposed metal pad on the package underside. See Tech Brief TB379 for details.
Electrical Specifications
Recommended operating conditions unless otherwise noted. VIN = VIN_LDO = PVCC = 3.3V, Compensation
Capacitors = 33nF for LDO1 and LDO2. TA = 25oC. (Note 2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY
Supply Voltage Range
VIN, PVCC, VIN_LDO
3.0
3.3
3.6
V
Input UVLO Threshold
VTR
2.55
2.62
2.66
V
VTF
2.5
2.55
2.59
V
Operating Supply Current (Note 3)
Device active, but not switching
-
0.9
1.1
mA
VIN = VIN_LDO = PVCC = 3.3V
fSW = 750kHz, COUT = 10F, IL = 0mA
-1.9
2.5
mA
Shutdown Supply Current
EN_PWM = EN_LDO = GND, TA = 25oC
-
15
20
A
EN_PWM = EN_LDO = GND, TA = 85oC
-
20
25
A
Input Bias Current
EN_PWM = EN_LDO = GND/VIN, TA = 25oC-
1.0
1.5
A
EN_PWM = EN_LDO = GND/VIN, TA = 85oC-
1.5
2.0
A
Thermal Shutdown Temperature (Note 6)
Rising Threshold
-
150
-
oC
Thermal Shutdown Hysteresis (Note 6)
-
20
25
oC
SYNCHRONOUS BUCK PWM REGULATOR
Output Voltage
-1.8
-
V
Output Voltage Accuracy
IOUT = 3mA to 400mA, TA = -40oC to 85oC
-2.0
-
2.0
%
Line Regulation
IO = 10mA, VIN = VIN_LDO = PVCC = 3.0V to 3.6V
-0.5
-
0.5
%
Maximum Output Current
400
-
-
mA
Peak Output Current Limit
600
-
900
mA
PMOS rDS(ON)
IOUT = 200mA
-
300
-
m
NMOS rDS(ON)
IOUT = 200mA
-
225
-
m
Efficiency
IOUT = 200mA, VIN = 3.3V
-
93
-
%
Soft-Start Time
4096 Clock Cycles @ 750kHz
-
5.5
-
ms
OSCILLATOR
Oscillator Frequency
TA = -40oC to +85oC
620
750
860
kHz
Frequency Synchronization Range (fSYNC)
Clock signal on SYNC pin
500
-
1000
kHz
SYNC High Level Input Voltage
2.3
-
-
V
SYNC Low Level Input Voltage
--
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com