Electronic Components Datasheet Search
  English  ▼

X  

ADL5523 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5523
Description  Low Noise Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5523 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5523 Datasheet HTML 9Page - Analog Devices ADL5523 Datasheet HTML 10Page - Analog Devices ADL5523 Datasheet HTML 11Page - Analog Devices ADL5523 Datasheet HTML 12Page - Analog Devices ADL5523 Datasheet HTML 13Page - Analog Devices ADL5523 Datasheet HTML 14Page - Analog Devices ADL5523 Datasheet HTML 15Page - Analog Devices ADL5523 Datasheet HTML 16Page - Analog Devices ADL5523 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Data Sheet
ADL5523
Rev. C | Page 13 of 21
2600 MHz, VPOS = 3 V
Matched for optimal noise figure, external matching circuit included.
20
10
0
–10
–20
15
5
–5
–15
–25
–30
2100
2200
2300
2600
2700
2400
2500
2800
2900
FREQUENCY (MHz)
S11
S21
S12
S22
Figure 39. Typical S-Parameters, Log Magnitude
18
16
14
10
6
2
0
32
30
28
24
20
16
12
8
4
26
22
18
14
2500 2520
2560
2600
2640
2680
2540
2580
2620
2660
2700
FREQUENCY (MHz)
GAIN
P1dB
OIP3
NOISE FIGURE
Figure 40. Noise Figure, Gain, OIP3, and P1dB vs. Frequency
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2500 2520 2540 2560 2580 2600 2620 2640 2660 2680 2700
FREQUENCY (MHz)
+25°C
+85°C
–40°C
Figure 41. Noise Figure vs. Temperature
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2500 2520 2540 2560 2580 2600 2620 2640 2660 2680 2700
FREQUENCY (MHz)
Figure 42. Noise Figure vs. Frequency at 25°C, Multiple Devices
15.5
15.0
14.5
14.0
13.5
13.0
12.5
12.0
11.5
11.0
33
31
29
27
25
23
21
19
17
15
2500 2520 2540 2560 2580 2600 2620 2640 2660 2680 2700
FREQUENCY (MHz)
+85°C
+85°C
+25°C
+25°C
+25°C
–40°C
–40°C
GAIN
P1dB
OIP3
–40°C
+85°C
Figure 43. Gain, OIP3, and P1dB vs. Temperature
33
32
24
28
30
26
31
23
27
29
25
22
21
20
18
19
17
16
–6
0
–2
–4
4
2
6
8
10
12
14
16
18
POUT PER TONE (dBm)
+85°C
+25°C
–40°C
Figure 44. OIP3 vs. Output Power (POUT) and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com