Electronic Components Datasheet Search
  English  ▼

X  

HMC463 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC463
Description  GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC463 Datasheet(HTML) 3 Page - Analog Devices

  HMC463 Datasheet HTML 1Page - Analog Devices HMC463 Datasheet HTML 2Page - Analog Devices HMC463 Datasheet HTML 3Page - Analog Devices HMC463 Datasheet HTML 4Page - Analog Devices HMC463 Datasheet HTML 5Page - Analog Devices HMC463 Datasheet HTML 6Page - Analog Devices HMC463 Datasheet HTML 7Page - Analog Devices HMC463 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1
1 - 3
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
P1dB vs. Temperature
Psat vs. Temperature
Output IP3 vs. Temperature
Gain, Power & Noise Figure
vs. Supply Voltage @ 10 GHz, Fixed Vgg1
10
13
16
19
22
25
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-55C
FREQUENCY (GHz)
10
13
16
19
22
25
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-55C
FREQUENCY (GHz)
20
23
26
29
32
35
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-55C
FREQUENCY (GHz)
12
13
14
15
16
17
18
19
20
21
22
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
4.5
4.75
5
5.25
5.5
Gain
P1dB
Noise Figure
Vdd (V)
Gain, P1dB & Output IP3
vs. Control Voltage @ 10 GHz
Noise Figure & Supply Current
vs. Control Voltage @ 10 GHz
0
4
8
12
16
20
24
28
32
-1.2
-1
-0.8 -0.6 -0.4 -0.2
0
0.2 0.4 0.6 0.8
1
Gain
P1dB
IP3
Vgg2 (V)
20
30
40
50
60
70
0
1
2
3
4
5
-1.2
-1
-0.8 -0.6 -0.4 -0.2
0
0.2 0.4 0.6 0.8
1
Idd
Noise Figure
Vgg2 (V)
HMC463
v11.0617
GaAs PHEMT MMIC LOW NOISE
AGC AMPLIFIER, 2 - 20 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com