Electronic Components Datasheet Search
  English  ▼

X  

TSA1401IFT Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSA1401IFT
Description  14-BIT, 20MSPS, 85mW A/D CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1401IFT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSA1401IFT Datasheet HTML 6Page - STMicroelectronics TSA1401IFT Datasheet HTML 7Page - STMicroelectronics TSA1401IFT Datasheet HTML 8Page - STMicroelectronics TSA1401IFT Datasheet HTML 9Page - STMicroelectronics TSA1401IFT Datasheet HTML 10Page - STMicroelectronics TSA1401IFT Datasheet HTML 11Page - STMicroelectronics TSA1401IFT Datasheet HTML 12Page - STMicroelectronics TSA1401IFT Datasheet HTML 13Page - STMicroelectronics TSA1401IFT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TSA1401
TYPICAL PERFORMANCE CHARACTERISTICS
10/19
Fig. 7: SFDR vs. input amplitude (FS=2x0.86V)
Fs=20Msps; Fin=5Mhz;Icca=40mA,
Fig. 8: Single-tone 16K FFT at Fs=20 Msps, Internal references
Fin=5MHz, Icca=40mA,Vin@-1dBFS, SFDR=-89.3dBc, THD=-84.5dBc, SNR=70.5dB, SINAD=70.3dB, ENOB=11.5 bits
Fig. 9: Single-tone 16K FFT at Fs=20Msps, External References TS4041
Fin=5MHz, Icca=40mA, Vin@-1dBFS, VREFP=1.225V
SFDR=-87.5dBc, THD=-85.4dBc, SNR=73.3dB, SINAD=73dB, ENOB=11.84 bits
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-30
-25
-20
-15
-10
-5
0
SFSR(dB)
SFDR(dBc)
SFDR(dBFS)
-1 8 0
-1 6 0
-1 4 0
-1 2 0
-1 0 0
-8 0
-6 0
-4 0
-2 0
0
F( M h z )
05
- 160
- 140
- 120
- 100
-8 0
-6 0
-4 0
-2 0
0
20
F ( M h z )
5
10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com