Electronic Components Datasheet Search
  English  ▼

X  

CA14392 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA14392
Description  Asymmetric beam for wall-washing and optimized for CREE XP-E. 14.6 mm high assembly with installation tape.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14392 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA14392 Datasheet HTML 1Page - Ledil, Inc. CA14392 Datasheet HTML 2Page - Ledil, Inc. CA14392 Datasheet HTML 3Page - Ledil, Inc. CA14392 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA14392_LXP2-O-WAS
LXP2-O-WAS
Asymmetric
beam
for
wall-washing
and
optimized
for
CREE
XP-E.
14.6
mm
high
assembly with installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
14.6 mm
Fastening
tape
Colour
black
Box size
480 x 280 x 300 mm
Box weight
9.2 kg
Quantity in Box
1680 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LXP2-O-WAS
Lens
PMMA
clear
LXP2-WAS-HLD
Holder
PC
black
HEIDI-TAPE
Tape
PU tape
black
Last update: 14/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA14392

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA14308 LEDIL-CA14308 Datasheet
3Mb / 5P
~16째 diffused spot beam
CA14309 LEDIL-CA14309 Datasheet
3Mb / 5P
~40째 wide beam.
CA14310 LEDIL-CA14310 Datasheet
3Mb / 5P
~55째 wider beam
CA14323 LEDIL-CA14323 Datasheet
2Mb / 4P
IESNA Type ll (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads
logo
Cree, Inc
CA14366 CREE-CA14366 Datasheet
976Kb / 15P
Flare series
More results

Similar Description - CA14392

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12378 LEDIL-CA12378 Datasheet
4Mb / 8P
~45째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA10838 LEDIL-FA10838_18 Datasheet
2Mb / 5P
~50째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA10887 LEDIL-FA10887_18 Datasheet
5Mb / 5P
~13째 spot beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11824 LEDIL-FA11824_18 Datasheet
2Mb / 7P
~40째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11905 LEDIL-FA11905_18 Datasheet
3Mb / 7P
~13째 spot beam optimized for CREE XP-E. Assembly with holder and installation tape.
CA14132 LEDIL-CA14132 Datasheet
4Mb / 4P
~8.5째 spot beam optimized for CREE XP-E. 14.7 mm high assembly with installation tape.
FA11134 LEDIL-FA11134 Datasheet
4Mb / 4P
~40째 wide beam optimized for CREE XR-E. 14.6 mm high assembly with installation tape.
CA16308 LEDIL-CA16308 Datasheet
5Mb / 5P
Asymmetric beam for wall-washing. Assembly with holder and installation tape.
CA13307 LEDIL-CA13307 Datasheet
3Mb / 8P
Oval beam for wall-washing optimized for CREE XP-E.
CA13312 LEDIL-CA13312 Datasheet
4Mb / 8P
Asymmetric beam for wall-washing optimized for CREE XP-E.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com