Electronic Components Datasheet Search
  English  ▼

X  

R1DX Datasheet(PDF) 1 Page - Recom International Power

Part # R1DX
Description  1 Watt SMD Single & Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1DX Datasheet(HTML) 1 Page - Recom International Power

  R1DX Datasheet HTML 1Page - Recom International Power R1DX Datasheet HTML 2Page - Recom International Power R1DX Datasheet HTML 3Page - Recom International Power R1DX Datasheet HTML 4Page - Recom International Power R1DX Datasheet HTML 5Page - Recom International Power R1DX Datasheet HTML 6Page - Recom International Power R1DX Datasheet HTML 7Page - Recom International Power R1DX Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ECO-1
REV.: 3/2018
www.recom-power.com
1 Watt
SMD
Single & Dual
Output
DC/DC Converter
Features
Unregulated
Converters
• 1W Power in SMD package
• Pin compatible with R1S/R1D series
• -40°C To +100°C Operating temperature @ full load
• High 3kVDC/1 second or 1kVDC/1 second isolation
• IEC/EN/UL62368-1 certified, CB Report
• 5000m operation
R1SX/R1DX
Description
Low cost, low profile, open-frame 1W SMD isolated DC/DC converters available with single (R1SX) or
dual (R1DX) outputs. The R1SX is available with 3.3V or 5V inputs and offers a single unregulated 3.3V
or 5V output. The R1DX operates from 5V and offers ±5, ±9, ±12 or ±15 dual outputs. There is no
minimum load requirement and the quiescent consumption is less than 150mW. Standard isolation is
1kVDC/1s and a /H version with 3kVDC/1s is available. The operating temperature is from -40°C up to
+100°C without derating. The pin-out is industry standard and compatible with the R1S/R1D series, but
at half the height. The converters are fully certified to IEC/EN/UL62368 and IEC/EN/UL60950 and are
10/10 RoHS-conform. Class A EMC conformity requires only an input capacitor and a simple low cost
LC filter is all that is needed for Class B EMC. Standard packaging is tape and reel.
Selection Guide
Part
nom. Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage
Voltage
Current
typ. (1)
Load (2)
[VDC]
[VDC]
[mA]
[%]
[µF]
R1SX-3.33.3
3.3
3.3
303
74
2200
R1SX-3.305
3.3
5
200
78
2200
R1SX-0505
5
5
200
78
2200
R1DX-0505
5
±5
±100
78
±1000
R1DX-0509
5
±9
±56
78
±470
R1DX-0512
5
±12
±42
80
±220
R1DX-0515
5
±15
±33
80
±220
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient
Note2: Max Cap Load is tested at nominal input and full resistive load
Notes:
Note3: without suffix, standard isolation voltage (1kVDC/1 second)
with suffix „/H“, high isolation voltage (3kVDC/1 second)
IEC/EN62368-1 certified
UL62368-1 certified
IEC/EN60950-1 certified
C22.2 No. 62368-1-14 certified
CB Report
EN55032 compliant
EN55024 compliant
E224736
Model Numbering
Tape and Reel Packaging
Isolation Voltage (3)
nom. Output Voltage
Output Power
Single or Dual
nom. Input Voltage
R1_X-__ __ /_ -R
Ordering Examples:
R1SX-3.305-R
3.3Vin 5Vout
Single Output
1kVDC/1 second isolation tape and reel packaging
R1DX-0505-R
5Vin ±5Vout
Dual Output
1kVDC/1 second isolation tape and reel packaging
R1SX-0505/H-R
5Vin 5Vout
Single Output
3kVDC/1 second isolation tape and reel packaging
R1DX-0515/H-R
5Vin ±15Vout
Dual Output
3kVDC/1 second isolation tape and reel packaging


Similar Part No. - R1DX

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
R1D SAMYANG-R1D Datasheet
1Mb / 2P
PLASTIC SILICON RECTIFIER
logo
Recom International Pow...
R1D RECOM-R1D Datasheet
127Kb / 4P
DC/DC-Converter with 3 year Warranty
REV: 1/2016
R1D**-xx05 RECOM-R1D**-xx05 Datasheet
127Kb / 4P
Full Power at 100째C Ambient Temperature
R1D**-xx09 RECOM-R1D**-xx09 Datasheet
127Kb / 4P
Full Power at 100째C Ambient Temperature
R1D**-xx12 RECOM-R1D**-xx12 Datasheet
127Kb / 4P
Full Power at 100째C Ambient Temperature
More results

Similar Description - R1DX

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSS-121.8 RECOM-RSS-121.8 Datasheet
114Kb / 4P
1 Watt SMD Single & Dual Output
RSS-1.81.8 RECOM-RSS-1.81.8_06 Datasheet
126Kb / 4P
1 Watt SMD Single & Dual Output
RSS RECOM-RSS_10 Datasheet
249Kb / 6P
1 Watt SMD Single & Dual Output
R1S RECOM-R1S Datasheet
119Kb / 4P
1 Watt SMD Single & Dual Output
R1S-0505 RECOM-R1S-0505 Datasheet
160Kb / 4P
1 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R1S-2405HP ETC2-R1S-2405HP Datasheet
126Kb / 4P
1 Watt SMD Single Dual Output
logo
Recom International Pow...
R1S-0515 RECOM-R1S-0515 Datasheet
126Kb / 4P
1 Watt SMD Single Dual Output
R1D-1212 RECOM-R1D-1212 Datasheet
157Kb / 5P
1 Watt SMD Single Dual Output
R1S-2424 RECOM-R1S-2424 Datasheet
126Kb / 4P
1 Watt SMD Single Dual Output
R1M RECOM-R1M Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com