Electronic Components Datasheet Search
  English  ▼

X  

MP6520GV Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6520GV
Description  8V to 32V, 1.5A, Stepper Motor Driver with Integrated MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6520GV Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6520GV Datasheet HTML 1Page - Monolithic Power Systems MP6520GV Datasheet HTML 2Page - Monolithic Power Systems MP6520GV Datasheet HTML 3Page - Monolithic Power Systems MP6520GV Datasheet HTML 4Page - Monolithic Power Systems MP6520GV Datasheet HTML 5Page - Monolithic Power Systems MP6520GV Datasheet HTML 6Page - Monolithic Power Systems MP6520GV Datasheet HTML 7Page - Monolithic Power Systems MP6520GV Datasheet HTML 8Page - Monolithic Power Systems MP6520GV Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP6520
8V to 32V, 1.5A, Stepper Motor Driver
with Integrated MOSFETs
MP6520 Rev. 1.0
www.MonolithicPower.com
1
10/10/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
DESCRIPTION
The MP6520 is a stepper motor driver with a
built-in microstepping translator. The MP6520
operates from a supply voltage of up to 32V
and can deliver a motor current of up to 1.5A.
The MP6520 can operate a bipolar stepper
motor in full-, half-, quarter-, and eighth-step
modes.
The MP6520 has a fixed 3.3V reference output,
which allows it to operate without a separate
logic power supply.
Full protection features include over-current
protection (OCP), input over-voltage protection
(OVP), under-voltage lockout (UVLO), and
thermal shutdown.
The
MP6520
is
available
in
a
QFN-28
(4mmx5mm) package with an exposed thermal
pad.
FEATURES
 Wide 8V to 32V Input Voltage Range
 Two Internal Full-Bridge Drivers
 Low On Resistance (HS: 300mΩ; LS:
300m
Ω)
 No Control Power Supply Required
 Simple Logic Interface
 Compatible with 3.3V and 5V Logic
 Full-, Half-, Quarter-, and Eighth-Step
Functionality
 1.5A Maximum Output Current
 Adjustable Mixed Decay Ratio
 Over-Current Protection (OCP)
 Input Over-Voltage Protection (OVP)
Function
 Thermal Shutdown and Under-Voltage
Lockout (UVLO) Protection
Fault Indication Output
 Available in a QFN-28 (4mmx5mm)
Package
APPLICATIONS
 Bipolar Stepper Motors
 Printers
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
Motor
CPA
CPB
VCP
VIN
AOUT1
AOUT2
BOUT1
BOUT2
ROSC
VREF
MDS
STEP
DIR
MS1
MS2
nENBL
nSLEEP
3P3VOUT
nFAULT
nHOME
µC
SENA
3.3V
VIN
MP6520
SENB
nRSET
0.47uF
200k
Ω
VG
1uF
1uF
100nF
SENA
SENB
Exposed
GND PAD
GND


Similar Part No. - MP6520GV

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6522 MPS-MP6522 Datasheet
504Kb / 11P
35V, 3.2A, H-Bridge Motor Driver
MP6522GU MPS-MP6522GU Datasheet
504Kb / 11P
35V, 3.2A, H-Bridge Motor Driver
MP6527 MPS-MP6527 Datasheet
1Mb / 24P
40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
9/23/2021 Rev. 1.0
MP6527GF MPS-MP6527GF Datasheet
1Mb / 24P
40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
9/23/2021 Rev. 1.0
MP6527GF-P MPS-MP6527GF-P Datasheet
1Mb / 24P
40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
9/23/2021 Rev. 1.0
More results

Similar Description - MP6520GV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6208 STMICROELECTRONICS-L6208 Datasheet
453Kb / 27P
FULLY INTEGRATED STEPPER MOTOR DRIVER
Sep-2003
logo
Texas Instruments
DRV8885 TI1-DRV8885 Datasheet
1Mb / 40P
1.5A Stepper Motor Driver
logo
Monolithic Power System...
MP6501A MPS-MP6501A Datasheet
2Mb / 17P
8V to 35V, 2.5A Stepper Motor Driver with Integrated MOSFETs
MP6504 MPS-MP6504 Datasheet
899Kb / 16P
8V to 32V, 2A, Stepper Motor Driver with Integrated MOSFETs
MP6506 MPS-MP6506 Datasheet
432Kb / 13P
2.7V-to-15V, 500mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
MP6507 MPS-MP6507 Datasheet
551Kb / 18P
2.7V-to-15V, 700mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
MP6508 MPS-MP6508 Datasheet
1Mb / 15P
2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
MP6509 MPS-MP6509 Datasheet
575Kb / 15P
2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
MP6518 MPS-MP6518 Datasheet
1Mb / 16P
35V, 1.5A Stepper Motor Driver with Integrated MOSFETs
MP6600 MPS-MP6600 Datasheet
979Kb / 18P
35V, 1.5A, Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com