Electronic Components Datasheet Search
  English  ▼

X  

UPC8194K Datasheet(PDF) 2 Page - NEC

Part # UPC8194K
Description  RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8194K Datasheet(HTML) 2 Page - NEC

  UPC8194K Datasheet HTML 1Page - NEC UPC8194K Datasheet HTML 2Page - NEC UPC8194K Datasheet HTML 3Page - NEC UPC8194K Datasheet HTML 4Page - NEC UPC8194K Datasheet HTML 5Page - NEC UPC8194K Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UPC8194K
ABSOLUTE MAXIMUM RATINGS1, (TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
SYMBOLS
PARAMETERS
UNITS MIN
TYP
MAX
VCC
Supply Voltage
V
2.7
3.0
3.3
TA
Operating Ambient
°C
-25
+25
+85
Temperature
fIF
IF Frequency
MHz
–
190
–
fLO
Local Frequency
MHz
–
760
–
PLO
Local input Level
dBm
-18
-15
-12
ZI/Q
I/Q load impedance
kΩ
10
20
–
fI/Q
I/Q loutput frequency
MHz
–
–
10
RECOMMENDED
OPERATING CONDITIONS
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
4.0
VPS, VCONT
Applied Voltage
V
-0.3 to VCC+0.3
TA
Operating Ambient
°C
-40 to +85
Temperature
TSTG
Storage Temperature
°C
-55 to +150
PD
Power Dissipation
mW
309
Part Number
Package
UPC8194K-E1
20 Pin plastic QFN
ORDERING INFORMATION
VOLTAGE GAIN vs.
AGC CONTROL VOLTAGE
TYPICAL PERFORMANCE CURVES (VCC = 3.0 V, VPS = 2.5 V, fIF = 192.5 MHz, fLO = 760 MHz, PLO = -15 dBm, fI/Q = 2.5
MHz, VI/Q = 400 mVp-p balanced)
AGC Control Voltage Vcont (V)
Ta = +25°C
VCC = 3.0 V
fIF = 192.5 MHz
fI/Q = 2.5 MHz
fLO = 760 MHz
PinLO = -18 dBm
100
80
60
40
20
0
-20
-40
0
0.5
1.0
1.5
2.0
2.5
3.0
NOISE FIGURE and INPUT 3rd ORDER
INTERCEPT POINT vs.
VOLTAGE GAIN
VCC = 3.0 V
fIF1 = 192.5 MHz
fIF2 = 192.6 MHz
fLO = 760 MHz
PinLO = -18 dBm
IIP3
(Ta = +25°C)
NF
(Ta = +25°C)
NF
IIP3
100
80
60
40
20
0
-20
-40
-60
-80
-100
-40
-20
0
20
40
60
80
100
Voltage Gain VG (dB)
PART NUMBER
UPC8194K
PACKAGE OUTLINE
QFN-20
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
NF
Noise Figure, Gain = +65 dB
dB
–
9.5
–
EVM
Error Vector Magnitude, IF = 190 MHz, 3.84 Msps
%rms
–
3
–
QPSK modulation, Gain is adjusted.
P1dB
Input Power at 1 dB compression point at Gain = +50 dB
dBm
–
-50
–
STANDARD CHARACTERISTICS FOR REFERENCE (unless otherwise specified,TA = 25°C, VCC = 3.0 V,
fIF = 192.5 MHz, fLO = 760 MHz, PLO = -15 dBm, fI/Q = 2.5 MHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com