Electronic Components Datasheet Search
  English  ▼

X  

UP04113 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UP04113
Description  Silicon PNP epitaxial planar type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UP04113 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UP04113 Datasheet HTML 1Page - Panasonic Semiconductor UP04113 Datasheet HTML 2Page - Panasonic Semiconductor UP04113 Datasheet HTML 3Page - Panasonic Semiconductor UP04113 Datasheet HTML 4Page - Panasonic Semiconductor UP04113 Datasheet HTML 5Page - Panasonic Semiconductor UP04113 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UP0411x Series
2
SJJ00001BED
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = −10 µA, IE = 0
−50
V
Collector-emitter voltage (Base open)
VCEO
IC = −2 mA, IB = 0
−50
V
Collector-base cutoff current (Emitter open)
ICBO
VCB
= −50 V, I
E
= 0
− 0.1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = −50 V, IB = 0
− 0.5
µA
Emitter-base cutoff current UP04111
IEBO
VEB = −6 V, IC = 0
− 0.5
mA
(Collector open)
UP04113
− 0.1
UP04116
− 0.01
Forward current transfer
UP04111
hFE
VCE = −10 V, IC = −5 mA
35
ratio
UP04113
80
UP04116
160
460
Collector-emitter saturation voltage
VCE(sat)
IC = −10 mA, IB = − 0.3 mA
− 0.25
V
Output voltage high-level
VOH
VCC
= −5 V, V
B
= − 0.5 V, R
L
= 1 kΩ−4.9
V
Output voltage low-level
VOL
VCC = −5 V, VB = −2.5 V, RL = 1 kΩ− 0.2
V
UP04113
VCC = −5 V, VB = −3.5 V, RL = 1 kΩ
Input resistance
UP04111
R1
−30%
10
+30%
k
Ω
UP04113
47
UP04116
4.7
Resistance ratio
UP04111
R1 / R2
0.8
1.0
1.2
UP04113
Transition frequency
fT
VCB = −10 V, IE = 1 mA, f = 200 MHz
80
MHz
■ Electrical Characteristics T
a = 25°C ± 3°C
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com