Electronic Components Datasheet Search
  English  ▼

X  

LSP-T670 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LSP-T670
Description  white P-LCC-4 package, colorless clear resin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSP-T670 Datasheet(HTML) 2 Page - OSRAM GmbH

  LSP-T670 Datasheet HTML 1Page - OSRAM GmbH LSP-T670 Datasheet HTML 2Page - OSRAM GmbH LSP-T670 Datasheet HTML 3Page - OSRAM GmbH LSP-T670 Datasheet HTML 4Page - OSRAM GmbH LSP-T670 Datasheet HTML 5Page - OSRAM GmbH LSP-T670 Datasheet HTML 6Page - OSRAM GmbH LSP-T670 Datasheet HTML 7Page - OSRAM GmbH LSP-T670 Datasheet HTML 8Page - OSRAM GmbH LSP-T670 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2005-04-05
2
LSG T670, LSP T670, LSY T670, LOP T670, LYG T670
Anm.: Streuung der Lichtstärke in einer Verpackungseinheit I
V max / IV min ≤ 2.0
Streuung der Lichtstärke in einer LED I
V max / IV min ≤ 3.0 (LSG T670, LSY T670),
≤ 4.0 (LSP T670, LOP T670)
Note: Luminous intensity ratio in one packaging unit I
V max / IV min ≤ 2.0
Luminous intensity ratio in one LED I
V max / IV min ≤ 3.0 (LSG T670, LSY T670),
≤ 4.0 (LSP T670, LOP T670)
Bestellinformation
Ordering Information
Typ
Type
Emissions-
farbe
Color of Emission
Lichtstärke
1) Seite 15
Luminous Intensity
1) page 15
I
F = 10 mA
I
V (mcd)
Bestellnummer
Ordering Code
color 1
color 2
LSG T670-HL-1+HL-1
super-red / green
2.8 ... 18.0
2.8 ... 18.0
Q62703Q4316
LSP T670-HK-1+GK-1
super-red / pure green
2.8 ... 11.2
1.8 ... 11.2
Q62703Q4318
LSY T670-JL-1+JL-1
super-red / yellow
4.5 ... 18.0
4.5 ... 18.0
Q62703Q4317
LOP T670-JK-1+GJ-1
orange / pure green
4.5 ... 11.2
1.8 ...
7.1
Q65110A0466
LYG T670-JL-1+JL-1
yellow / green
4.5 ... 18.0
4.5 ... 18.0
Q62703Q4502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com