Electronic Components Datasheet Search
  English  ▼

X  

ISL6521 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL6521
Description  PWM Buck DC-DC and Triple Linear Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6521 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL6521 Datasheet HTML 1Page - Renesas Technology Corp ISL6521 Datasheet HTML 2Page - Renesas Technology Corp ISL6521 Datasheet HTML 3Page - Renesas Technology Corp ISL6521 Datasheet HTML 4Page - Renesas Technology Corp ISL6521 Datasheet HTML 5Page - Renesas Technology Corp ISL6521 Datasheet HTML 6Page - Renesas Technology Corp ISL6521 Datasheet HTML 7Page - Renesas Technology Corp ISL6521 Datasheet HTML 8Page - Renesas Technology Corp ISL6521 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ISL6521
FN9148 Rev 2.00
Page 5 of 14
Feb 8, 2005
Functional Pin Descriptions
VCC (Pin 11)
Provide a well decoupled 5V bias supply for the IC to this pin.
This pin also provides the gate bias charge for the lower
MOSFET controlled by the PWM section of the IC, as well as
the drive current for the linear regulators. The voltage at this
pin is monitored for Power-On Reset (POR) purposes.
GND (Pin 5)
Signal ground for the controller. All voltage levels are
measured with respect to this pin.
PGND (Pin 9)
This is the power ground connection. Tie the source of the
lower MOSFET of the synchronous PWM converter to this pin.
BOOT (Pin 7)
Floating bootstrap supply pin for the upper gate drive. The
bootstrap capacitor provides the necessary charge to turn and
hold the upper MOSFET on. Connect a suitable capacitor
(0.47
F recommended) from this pin to PHASE.
OCSET (Pin 12)
Connect a resistor from this pin to the drain of the upper PWM
MOSFET. This resistor, an internal 40
A current source
(typical), and the upper MOSFET’s on-resistance set the
converter overcurrent trip point. An overcurrent trip cycles the
soft-start function.
The voltage at this pin is monitored for power-on reset (POR)
purposes and pulling this pin below 1.25V with an open
drain/collector device will shut down the switching controller.
PHASE (Pin 6)
Connect this pin to the source of the PWM converter upper
MOSFET. This pin is used to monitor the voltage drop across
the upper MOSFET for overcurrent protection.
UGATE (Pin 8)
Connect UGATE pin to the PWM converter’s upper MOSFET
gate. This pin provides the gate drive for the upper MOSFET.
LGATE (Pin 10)
This pin provides the gate drive for the synchronous rectifier
lower MOSFET. Connect LGATE to the gate of the lower
MOSFET.
COMP and FB (Pins 4, 3)
COMP and FB are the available external pins of the PWM
converter error amplifier. The FB pin is the inverting input of the
error amplifier. Similarly, the COMP pin is the error amplifier
output. These pins are used to compensate the voltage-mode
control feedback loop of the synchronous PWM converter.
DRIVE2, 3, 4 (Pins 1, 15, 13)
Connect these pins to the point of load or to the base terminals
of external bipolar NPN transistors. These pins are each
capable of providing 120mA of load current or drive current for
the pass transistors.
FB2, 3, 4 (Pins 2, 16, 14)
Connect the output of the corresponding linear regulators to
these pins through properly sized resistor dividers. The voltage
at these pins is regulated to 0.8V. These pins are also
monitored for undervoltage events.
Quickly pulling and holding any of these pins above 1.25V
(using diode-coupled logic devices) shuts off the respective
regulators. Releasing these pins from the pull-up voltage
initiates a soft-start sequence on the respective regulator.
Description
Operation
The ISL6521 monitors and precisely controls one
synchronous PWM converter and three configurable linear
regulators from a +5V bias input. The PWM controller is
designed to regulate the core voltage of an embedded
processor or simple down conversion for high current
applications. The PWM controller drives two MOSFETs (Q1
and Q2) in a synchronous-rectified buck converter
configuration and regulates the output voltage to a level
programmed by a resistor divider. The linear controllers are
designed to regulate three additional system voltages.
Typically, these include any I/O, memory, or clock voltages
that might be required. All three linear controllers support up
to 120mA of load current without external pass devices or
higher currents with external NPN bipolar transistors.
Initialization
The ISL6521 automatically initializes upon receipt of input
power. The Power-On Reset (POR) function continually
monitors the input bias supply voltage. The POR monitors the
bias voltage at the VCC pin. The POR function initiates soft-
start operation after the bias supply voltage exceeds its POR
threshold.
Soft-Start
The POR function initiates the soft-start sequence. The PWM
error amplifier reference input is clamped to a level
proportional to the soft-start voltage. As the soft-start voltage
slews up, the PWM comparator generates PHASE pulses of
increasing width that charge the output capacitor(s). Similarly,
all linear regulators’ reference inputs are clamped to a voltage
proportional to the soft-start voltage. The ramp-up of the
internal soft-start function provides a controlled output voltage
rise.
Figure 1 shows the soft-start sequence for a typical application.
At T0 the +5V bias voltage starts to ramp up crossing the 4.5V
POR threshold at time T1. On the PWM section, the oscillator’s
triangular waveform is compared to the clamped error amplifier
output voltage. As the internal soft-start voltage increases, the
pulse-width on the PHASE pin increases to reach its steady-
state duty cycle at time T2. Also at time T2, the error amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com