Electronic Components Datasheet Search
  English  ▼

X  

ISL6549IBZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL6549IBZ
Description  Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6549IBZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL6549IBZ Datasheet HTML 1Page - Renesas Technology Corp ISL6549IBZ Datasheet HTML 2Page - Renesas Technology Corp ISL6549IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL6549IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL6549IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL6549IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6549IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6549IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6549IBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ISL6549
Rev X.00
Page 4 of 18
Absolute Maximum Ratings
Thermal Information
VCC12 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +14V
PVCC5, VCC5 . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +7V
VCC5 (if used with external supply). . . . . . . . . . . GND - 0.3V to +6V
BOOT. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +27V
PHASE. . . . . . . . . . . . . . . . . . . . . . . . VBOOT - 7V to VBOOT + 0.3V
VBOOT - VPHASE. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7V
UGATE. . . . . . . . . . . . . . . . . . . . . . VPHASE - 0.3V to VBOOT + 0.3V
LGATE . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to PVCC5 + 0.3V
LDO_DR . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VCC12 + 0.3V
FB, LDO_FB, COMP, FS_DIS . . . . . . . GND - 0.3V to VCC5 + 0.3V
ESD Classification
Human Body Model (Per JESD22-A114C) . . . . . . . . . . . . . . Class 2
Machine Model (Per EIA/JESD22-A115-A) . . . . . . . . . . . . . .Class B
Charge Device Model (Per JESD22-C101C). . . . . . . . . . . . Class IV
Thermal Resistance
JA (°C/W) JC (°C/W)
SOIC Package (Note 1) . . . . . . . . . . . .
105
N/A
QFN Package (Notes 2, 3). . . . . . . . . .
52
14
QSOP Package (Note 1) . . . . . . . . . . .
110
N/A
Maximum Junction Temperature (Plastic Package) . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . +300°C
(SOIC - Lead Tips Only)
Recommended Operating Conditions
External Supply Voltage on VCC5 . . . . . . . . . . . . . . . . . . +5.0V ±5%
Supply Voltage on VCC12 . . . . . . . . . . . . . . . . . . . . . . . +12V ±10%
Ambient Temperature Range (C). . . . . . . . . . . . . . . . . . 0°C to 70°C
Ambient Temperature Range (I) . . . . . . . . . . . . . . . . -40°C to +85°
Junction Temperature Range. . . . . . . . . . . . . . . . . . . 0°C to +125°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
3. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended Operating Conditions, unless otherwise noted. VCC12 = 12V
Temperature = 0 to +70°C (typical = +25°C) for Commercial; Temperature = -40 to + 85°C (typical = +25°C) for
Industrial. Refer to Block Diagram, Simplified Power System Diagram, and Typical Application Schematic.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply Current VCC12 (disabled)
ICC12 dis
UGATE, LGATE and LDO_DR open;
FS_DIS = GND
23
mA
Nominal Supply Current VCC5 (disabled)
ICC5 dis
UGATE, LGATE and LDO_DR open;
FS_DIS = GND (Note 4)
57.5
mA
Nominal Supply Current VCC12
(includes PVCC5 current)
ICC12
UGATE, LGATE and LDO_DR open;
FOSC = 620kHz
12
18
mA
Nominal Supply Current VCC5
ICC5
UGATE, LGATE and LDO_DR open;
FOSC = 620kHz
46
mA
Maximum PVCC5 Current Available (Note 5)
IPVCC5
100
mA
VCC12 to PVCC5 Current Limit (Note 5)
IPVCC5CL
150
mA
PVCC5 Voltage
VPVCC5
ISL6549C; No external load
4.95
5.25
5.8
V
ISL6549I; No external load
4.85
5.25
5.8
POWER-ON RESET
Rising VCC5 Threshold
VCC12 = 12V
3.7
4.2
4.5
V
Falling VCC5 Threshold
VCC12 = 12V
3.3
3.8
4.1
V
Rising VCC12 Threshold
VCC5 = 5V
8.8
9.5
10.0
V
Falling VCC12 Threshold
VCC5 = 5V
7.0
7.5
8.0
V
OSCILLATOR AND SOFT-START
Switching Frequency
FOSC
ISL6549C; RFS_DIS = 45.3k
540
620
700
kHz
ISL6549I; RFS_DIS = 45.3k
525
620
700
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com