Electronic Components Datasheet Search
  English  ▼

X  

MAC-12GL Datasheet(PDF) 1 Page - Mini-Circuits

Part # MAC-12GL
Description  Frequency Mixers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MAC-12GL Datasheet(HTML) 1 Page - Mini-Circuits

  MAC-12GL Datasheet HTML 1Page - Mini-Circuits MAC-12GL Datasheet HTML 2Page - Mini-Circuits MAC-12GL Datasheet HTML 3Page - Mini-Circuits MAC-12GL Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 4
The Big Deal
Product Overview
Mini-Circuits MAC mixers employ a unique new design and a highly repeatable, tightly controlled, automated
process that delivers industry-leading reliability at a remarkably affordable price. Schottky diode quads meeting
our strict specifications are bonded to a multilayer integrated LTCC substrate, and then hermetically sealed
under a controlled atmosphere with gold-plated covers and eutectic AuSn solder. These passive, double-
balanced mixers have been tested to MIL requirements for gross leak, fine leak, thermal shock, vibration,
acceleration, mechanical shock, and HTOL, and every MAC mixer is backed with our 3-year guarantee.
Feature
Advantages
Low, Flat Conversion Loss
No need to compensate for variations over frequency.
Hermetically Sealed
Ideal for use anywhere long-term reliability adds bottom-line value: high moisture areas,
busy production lines, high-speed distribution centers, heavy industry, outdoor settings,
and unmanned facilities, as well as military applications.
Rugged LTCC/Hermetic Construction
Demonstrated reliability in harsh, physically abusive environments with high vibration, ac-
celeration, and/or mechanical shock.
Wide Operating Temperature Range
Guaranteed performance from -55 to +125°C. MAC mixers have also passed thermal
shock testing from -55 to +150°C, through 1000 cycles, 15 minutes per cycle.
Exposed Termination Ends
Our unique case design allows for easy visual inspection of side solder fillets per IPC-
A-610 section 8.3.4.6, and features gold-plated terminations for excellent solderability.
Incredible Performance/Price
Game-changing affordability brings Hi-Rel hermetic mixers within the reach of commer-
cial budgets.
MAC Series
Key Features
ULTRA REL
®
Ceramic Hermetic
Frequency Mixers
300 MHz to 12 GHz
LO Levels 4 to 17 dBm
CASE STYLE: DZ1650
• 3-Year Guarantee
• Hermetically sealed LTCC construction
• Low-profile case, 0.06” high
• Priced for outstanding VALUE
Click here for more about the MAC mixer


Similar Part No. - MAC-12GL

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MAC-12G MINI-MAC-12G Datasheet
1Mb / 4P
Frequency Mixers
MAC-12G+ MINI-MAC-12G+ Datasheet
1Mb / 4P
Frequency Mixers
More results

Similar Description - MAC-12GL

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SBL-1 MINI-SBL-1 Datasheet
268Kb / 2P
Frequency Mixers
MAC-24 MINI-MAC-24 Datasheet
1Mb / 4P
Frequency Mixers
MAC-42LH MINI-MAC-42LH Datasheet
1Mb / 4P
Frequency Mixers
MAC-42MH MINI-MAC-42MH Datasheet
1Mb / 4P
Frequency Mixers
MAC-60 MINI-MAC-60 Datasheet
1Mb / 4P
Frequency Mixers
MAC-80H MINI-MAC-80H Datasheet
1Mb / 4P
Frequency Mixers
MAC-80LH MINI-MAC-80LH Datasheet
1Mb / 4P
Frequency Mixers
MAC-80MH MINI-MAC-80MH Datasheet
1Mb / 4P
Frequency Mixers
MAC-85 MINI-MAC-85 Datasheet
1Mb / 4P
Frequency Mixers
MAC-85L MINI-MAC-85L Datasheet
1Mb / 4P
Frequency Mixers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com