Electronic Components Datasheet Search
  English  ▼

X  

MAC-80MH Datasheet(PDF) 2 Page - Mini-Circuits

Part # MAC-80MH
Description  Frequency Mixers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MAC-80MH Datasheet(HTML) 2 Page - Mini-Circuits

  MAC-80MH Datasheet HTML 1Page - Mini-Circuits MAC-80MH Datasheet HTML 2Page - Mini-Circuits MAC-80MH Datasheet HTML 3Page - Mini-Circuits MAC-80MH Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 4
Level 13 (LO Power+13 dBm) 2800 to 8000 MHz
Frequency Mixer wide band
Ceramic, Hermetically Sealed
Demo Board MCL P/N: TB-956+
Suggested PCB Layout (PL-045)
Maximum Ratings
Pin Connections
Features
• satellite up and down converters
• line of sight links
• defense link
• defense communications
LO
10
RF
5
IF
3
GROUND
1,2,4,6,7,8,9
Applications
Operating Temperature
-55°C to 125°C
Storage Temperature
-65°C to 150°C
RF Power
50 mW
IF Current
40 mA
REV. D
M161191
ED-14156/16
MAC-80MH+
DJ/CP/AM
170427
Electrical Schematic
MAC-80MH+
• wide bandwidth, 2800 to 8000 MHz
• low conversion loss, 5.8 dB typ.
• high L-R isolation, 29 dB typ.
• LTCC double balanced mixer
• aqueous washable
• low cost
• low profile, 0.060”
• protected by US Patent 7,027,795
• 3-YEAR GUARANTEE -The Most Reliable Mixers
Outline Drawing
Outline Dimensions (
)
inch
mm
Permanent damage may occur if any of these limits are exceeded.
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
A
B
C
D
E
FG
.30
.250
.060
--
.050
.050
.030
7.62
6.35
1.52
--
1.27
1.27
0.76
H
J
K
L
M
wt
.056
--
.085
.270
.035
grams
1.42
--
2.16
6.86
0.89
0.29
2800.1
2830.1
5.69
33.29
10.15
2.41
2.23
3100.1
3130.1
5.25
43.81
11.52
2.15
2.38
3400.1
3430.1
4.94
36.55
12.66
1.62
2.43
3700.1
3730.1
4.79
30.55
12.63
1.30
2.79
4000.1
4030.1
6.21
29.91
12.28
2.44
2.93
4400.1
4430.1
6.97
25.27
17.47
1.75
3.16
4600.1
4630.1
7.05
27.76
22.49
2.24
3.35
5000.1
5030.1
6.01
33.31
26.11
2.29
3.29
5200.1
5230.1
5.64
34.98
26.19
2.40
3.57
5400.1
5430.1
5.61
39.70
26.41
2.37
3.55
5800.1
5830.1
6.44
43.93
28.58
2.88
3.82
6000.1
6030.1
6.36
44.32
30.17
3.15
4.30
6400.1
6430.1
6.16
41.93
34.86
2.68
5.05
6600.1
6630.1
5.83
42.67
38.03
2.50
4.49
7000.1
7030.1
5.73
35.25
29.38
2.01
2.79
7200.1
7230.1
5.88
32.49
24.30
2.04
2.43
7400.1
7430.1
6.09
29.02
20.01
2.17
2.35
7600.1
7630.1
6.37
28.33
17.47
2.30
2.62
7800.1
7830.1
6.50
25.84
21.26
2.72
2.96
8000.1
8030.1
6.39
23.56
24.75
3.00
3.32
Typical Performance Data at 25°C and LO=+13dBm
Electrical Specifications at 25°C
Parameter
Condition (MHz)
Min.
Typ.
Max.
Units
Frequency Range, LO/RF
2800 - 8000
MHz
Frequency Range, IF
DC - 1250
MHz
Conversion Loss*
2800 - 5000
—
5.5
7.4
dB
5000 - 8000
—
5.9
7.1
LO to RF Isolation
2800 - 5000
24
33
—
dB
5000 - 8000
23
38
—
LO to IF Isolation
2800 - 5000
9
13
—
dB
5000 - 8000
14
27
—
IP3
2800 - 5000
—
18
—
dBm
5000 - 8000
—
15
—
RF Input Power at 1 dB Compression
2800 - 8000
+9
dBm
*Conversion Loss measured at 30 MHz IF.
CASE STYLE: DZ1650
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
10, 20, 50, 100, 200, 500
13”
1000
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com