Electronic Components Datasheet Search
  English  ▼

X  

MAC-85L Datasheet(PDF) 2 Page - Mini-Circuits

Part # MAC-85L
Description  Frequency Mixers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MAC-85L Datasheet(HTML) 2 Page - Mini-Circuits

  MAC-85L Datasheet HTML 1Page - Mini-Circuits MAC-85L Datasheet HTML 2Page - Mini-Circuits MAC-85L Datasheet HTML 3Page - Mini-Circuits MAC-85L Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 4
Level 4 (LO Power+4 dBm) 2800 to 8500 MHz
Frequency Mixer wide band
Ceramic, Hermetically Sealed
Demo Board MCL P/N: TB-956+
Suggested PCB Layout (PL-045)
Maximum Ratings
Pin Connections
Features
• satellite up and down converters
• line of sight links
• defense radar
• defense communications
LO
10
RF
5
IF
3
GROUND
1,2,4,6,7,8,9
Applications
Operating Temperature
-55°C to 125°C
Storage Temperature
-65°C to 150°C
RF Power
50 mW
IF Current
40 mA
REV. D
M161191
ED-14156/14
MAC-85L+
DJ/CP/AM
170427
MAC-85L+
• wide bandwidth, 2800 to 8500 MHz
• low conversion loss, 6.5 dB typ.
• high L-R isolation, 31 dB typ.
• LTCC double balanced mixer
• aqueous washable
• low cost
• low profile, 0.060”
• protected by US Patent 7,027,795
• 3-YEAR GUARANTEE -The Most Reliable Mixers
Outline Drawing
Outline Dimensions (
)
inch
mm
Permanent damage may occur if any of these limits are exceeded.
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
A
B
C
D
E
FG
.30
.250
.060
--
.050
.050
.030
7.62
6.35
1.52
--
1.27
1.27
0.76
H
J
K
L
M
wt
.056
--
.085
.270
.035
grams
1.42
--
2.16
6.86
0.89
0.29
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+4dBm
LO
+4dBm
LO
+4dBm
LO
+4dBm
LO
+4dBm
2800.1
2830.1
7.02
46.73
10.10
3.13
2.46
3000.1
3030.1
6.37
44.51
12.50
2.76
2.45
3400.1
3430.1
5.91
46.68
14.64
1.93
2.23
3600.1
3630.1
5.47
37.84
14.68
1.94
1.96
4000.1
4030.1
7.16
37.63
12.28
3.49
1.76
4400.1
4430.1
6.81
29.75
13.81
2.27
1.85
4600.1
4630.1
7.84
31.09
17.45
2.86
1.97
5000.1
5030.1
6.70
32.70
23.72
2.40
1.92
5200.1
5230.1
6.30
33.44
26.60
2.01
2.08
5400.1
5430.1
5.82
38.38
28.52
1.77
2.13
5800.1
5830.1
7.51
44.78
31.34
3.21
2.05
6000.1
6030.1
6.82
50.44
32.98
3.17
2.31
6400.1
6430.1
6.25
41.97
36.91
2.56
2.70
6600.1
6630.1
6.22
41.12
39.20
2.39
3.01
7000.1
7030.1
5.97
38.09
34.18
2.06
2.43
7200.1
7230.1
5.65
33.91
27.21
1.73
2.20
7400.1
7430.1
5.54
37.24
23.08
1.59
2.10
7600.1
7630.1
5.88
40.12
20.07
1.44
2.12
8000.1
8030.1
6.79
28.40
16.09
1.26
2.90
8500.1
8530.1
7.67
29.42
26.99
1.67
3.81
Typical Performance Data at 25°C and LO=+4dBm
Electrical Schematic
Electrical Specifications at 25°C
Parameter
Condition (MHz)
Min.
Typ.
Max.
Units
Frequency Range, LO/RF
2800 - 8500
MHz
Frequency Range, IF
DC - 1250
MHz
Conversion Loss*
2800 - 5000
—
5.7
8.3
dB
5000 - 7500
—
6.4
8.1
7500 - 8500
—
6.7
8.5
LO to RF Isolation
2800 - 5000
27
37
—
dB
5000 - 7500
31
38
—
7500 - 8500
21
35
—
LO to IF Isolation
2800 - 5000
9
14
—
dB
5000 - 7500
19
31
—
7500 - 8500
14
17
—
IP3
2800 - 5000
—
12
—
dBm
5000 - 7500
—
9
—
7500 - 8500
—
12
—
RF Input Power at 1 dB Compression
2800 - 8500
0
dBm
*Conversion Loss measured at 30 MHz IF.
CASE STYLE: DZ1650
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
10, 20, 50, 100, 200, 500
13”
1000
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com