Electronic Components Datasheet Search
  English  ▼

X  

VUB116 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VUB116
Description  Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUB116 Datasheet(HTML) 1 Page - IXYS Corporation

  VUB116 Datasheet HTML 1Page - IXYS Corporation VUB116 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 IXYS All rights reserved
1 - 2
Advanced Technical Information
VUB 116 / 145
Symbol
Conditions
Maximum Ratings
VUB 116
VUB 145
V
RRM
1600
1600
V
I
dAVM
T
C = 100°C, sinusoidal 120°
116
145
A
I
FSM
T
VJ =
45°C, t = 10 ms, V
R = 0 V
650
900
A
T
VJ = 150°C, t = 10 ms, VR = 0 V
570
780
A
I2t
T
VJ =
45°C, t = 10 ms, V
R = 0 V
2110
4050
A
T
VJ = 150°C, t = 10 ms, VR = 0 V
1620
3040
A
P
tot
T
C = 25°C per diode
190
250
W
V
CES
T
VJ = 25°C to 150°C
1200
1200
V
V
GE
Continuous
± 20
± 20
V
I
C25
T
C = 25°C, DC
95
141
A
I
C80
T
C = 80°C, DC
67
100
A
I
CM
t
p = Pulse width limited by TVJM
100
150
A
P
tot
T
C = 25°C
380
570
W
V
RRM
1200
V
I
FAV
T
C = 80°C, rectangular d = 0.5
27
A
I
FRMS
T
C = 80°C, rectangular d = 0.5
38
A
I
FRM
T
C = 80°C, tP = 10 µs, f = 5 kHz
tbd
A
I
FSM
T
VJ =
45°C, t = 10 ms
200
A
P
tot
T
C
= 25°C
130
W
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz,
t = 1 min
2500
V~
I
ISOL ≤ 1 mA, t = 1 s
3000
V~
M
d
Mounting torque
2.25...2.75
Nm
20...25
lb.in.
d
S
Creep distance on surface
12.7
mm
d
A
Strike distance in air
9.6
mm
a
Maximum allowable acceleration
50
m/s2
Weight
typ.
180
g
V
RRM
Type
V
1600
VUB 116-16 NO1
1600
VUB 145-16 NO1
Features
• Soldering connections for PCB mounting
• Convenient package outline
• Thermistor
Applications
• Drive Inverters with brake system
Advantages
• 2 functions in one package
• Easy to mount with two screws
• Suitable for wave soldering
• High temperature and power cycling
capability
Dimensions in mm (1 mm = 0.0394")
Data according to IEC 60747
IXYS reserves the right to change limits, test conditions and dimensions.
V
RRM = 1600 V
I
dAVM
= 116/145 A
Three Phase Rectifier Bridge
with IGBT and Fast Recovery Diode
for Braking System
6+7
4+5
2+3
10+11 12
13
19+20
1
21+22
18 17
8+9


Similar Part No. - VUB116

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUB116-16NOXT IXYS-VUB116-16NOXT Datasheet
471Kb / 8P
Standard Rectifier Module(3~ Rectifier Bridge Brake Unit NTC)
More results

Similar Description - VUB116

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VVZB135 IXYS-VVZB135 Datasheet
137Kb / 5P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB60 IXYS-VUB60 Datasheet
110Kb / 4P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB120-12NO1 IXYS-VUB120-12NO1 Datasheet
104Kb / 4P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB120-12NO2 IXYS-VUB120-12NO2 Datasheet
69Kb / 2P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VVZB120 IXYS-VVZB120 Datasheet
76Kb / 3P
Three Phase Half Controlled Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB71 IXYS-VUB71 Datasheet
183Kb / 2P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
logo
Semikron International
SKDH116 SEMIKRON-SKDH116_09 Datasheet
1Mb / 4P
3-Phase Bridge Rectifier IGBT braking chopper
logo
Solid States Devices, I...
SDA403AF SSDI-SDA403AF Datasheet
147Kb / 1P
FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VVZB135-16NO1 IXYS-VVZB135-16NO1 Datasheet
272Kb / 5P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VVZB170-16NO1 IXYS-VVZB170-16NO1 Datasheet
196Kb / 3P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com