| Electronic Components Datasheet Search |
|
TCS37727 Datasheet(PDF) 1 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TCS37727 Datasheet(HTML) 1 Page - ams AG |
|
1 / 50 page ![]() ams Datasheet Page 1 [v1-01] 2018-Mar-14 Document Feedback TCS3772 Color Light‐to‐Digital Converter with Proximity Sensing The TCS3772 device family provides red, green, blue, and clear (RGBC) light sensing and, when coupled with an external IR LED, proximity detection. These devices detect light intensity under a variety of lighting conditions and through a variety of attenuation materials, including dark glass. The proximity detection feature allows a large dynamic range of operation for accurate short distance detection, such as in a cell phone, for detecting when the user positions the phone close to their ear. An internal state machine provides the ability to put the device into a low power state in between proximity and RGBC measurements providing very low average power consumption. The color sensing feature is useful in applications such as LED RGB backlight control, solid state lighting, reflected LED color sampler, or fluorescent light color temperature detection. With the addition of an IR blocking filter, the device is an excellent ambient light sensor, color temperature monitor, and general purpose color sensor. Ordering Information and Content Guide appear at end of datasheet. Key Benefits & Features The benefits and features of this device are listed below: Figure 1: Added Value of Using TCS3772 Benefits Features • Single Device Reduces Board Space • Integrated RGB and Clear Color Sensing and Proximity Detection • Enables Flexible Operation for Wide Range of Applications • Programmable Color Sensing and Proximity Detection • Enables Accurate Color and Ambient Light Sensing Under Varying Lighting Conditions • Integrated IR Blocking Filter • Enables Operation within Wide Range of Lighting Conditions • 3.8M:1 Dynamic Range General Description |
Similar Part No. - TCS37727 |
|
Similar Description - TCS37727 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |