Electronic Components Datasheet Search
  English  ▼

X  

WSL431 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WSL431
Description  Adjustable Precision Shunt Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WSL431 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WSL431 Datasheet HTML 1Page - List of Unclassifed Manufacturers WSL431 Datasheet HTML 2Page - List of Unclassifed Manufacturers WSL431 Datasheet HTML 3Page - List of Unclassifed Manufacturers WSL431 Datasheet HTML 4Page - List of Unclassifed Manufacturers WSL431 Datasheet HTML 5Page - List of Unclassifed Manufacturers WSL431 Datasheet HTML 6Page - List of Unclassifed Manufacturers WSL431 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
WSL431
Ordering Information
WSL431-XP□□
Elec. Grad
2: 0.5% Reference Voltage Tolerance
3: 1% Reference Voltage Tolerance
4: 2% Reference Voltage Tolerance
Package Code
A: TO-92
C: SOT-23
N: SOT-89
Elec. Grade
Package Code
Symbol
REF
ANODE
CATHODE
Functional Diagram
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, Jan. 2000 (Rev. C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com