Electronic Components Datasheet Search
  English  ▼

X  

ISL6565ACR Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL6565ACR
Description  Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6565ACR Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL6565ACR Datasheet HTML 10Page - Renesas Technology Corp ISL6565ACR Datasheet HTML 11Page - Renesas Technology Corp ISL6565ACR Datasheet HTML 12Page - Renesas Technology Corp ISL6565ACR Datasheet HTML 13Page - Renesas Technology Corp ISL6565ACR Datasheet HTML 14Page - Renesas Technology Corp ISL6565ACR Datasheet HTML 15Page - Renesas Technology Corp ISL6565ACR Datasheet HTML 16Page - Renesas Technology Corp ISL6565ACR Datasheet HTML 17Page - Renesas Technology Corp ISL6565ACR Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ISL6565A, ISL6565B
FN9135 Rev 4.00
Page 14 of 28
Dec 1, 2005
Load-Line Regulation
Some microprocessor manufacturers require a precisely-
controlled output impedance. This dependence of output
voltage on load current is often termed “droop” or “load line”
regulation.
TABLE 1. VOLTAGE IDENTIFICATION (VID) CODES
VID4
VID3
VID2
VID1
VID0
VID12.5
VDAC
0
1
0
1
0
0
0.8375V
0
1
0
0
1
1
0.8500V
0
1
0
0
1
0
0.8625V
0
1
0
0
0
1
0.8750V
0
1
0
0
0
0
0.8875V
0
0
1
1
1
1
0.9000V
0
0
1
1
1
0
0.9125V
0
0
1
1
0
1
0.9250V
0
0
1
1
0
0
0.9375V
0
0
1
0
1
1
0.9500V
0
0
1
0
1
0
0.9625V
0
0
1
0
0
1
0.975V0
0
0
1
0
0
0
0.9875V
0
0
0
1
1
1
1.0000V
0
0
0
1
1
0
1.0125V
0
0
0
1
0
1
1.0250v
0
0
0
1
0
0
1.0375V
0
0
0
0
1
1
1.0500V
0
0
0
0
1
0
1.0625V
0
0
0
0
0
1
1.0750V
0
0
0
0
0
0
1.0875V
11
1
1
1
1
OFF
11
1
1
1
0
OFF
1
1
1
1
0
1
1.1000V
1
1
1
1
0
0
1.1125V
1
1
1
0
1
1
1.1250V
1
1
1
0
1
0
1.1375V
1
1
1
0
0
1
1.1500V
1
1
1
0
0
0
1.1625V
1
1
0
1
1
1
1.1750V
1
1
0
1
1
0
1.1875V
1
1
0
1
0
1
1.2000V
1
1
0
1
0
0
1.2125V
1
1
0
0
1
1
1.2250V
1
1
0
0
1
0
1.2475V
1
1
0
0
0
1
1.2500V
1
1
0
0
0
0
1.2625V
1
0
1
1
1
1
1.2750V
1
0
1
1
1
0
1.2875V
1
0
1
1
0
1
1.3000V
1
0
1
1
0
0
1.3125V
1
0
1
0
1
1
1.3250V
1
0
1
0
1
0
1.3375V
1
0
1
0
0
1
1.3500V
1
0
1
0
0
0
1.3625V
1
0
0
1
1
1
1.3750V
1
0
0
1
1
0
1.3875V
1
0
0
1
0
1
1.4000V
1
0
0
1
0
0
1.4125V
1
0
0
0
1
1
1.4250V
1
0
0
0
1
0
1.4375V
1
0
0
0
0
1
1.4500V
1
0
0
0
0
0
1.4625V
0
1
1
1
1
1
1.4750V
0
1
1
1
1
0
1.4875V
0
1
1
1
0
1
1.5000V
0
1
1
1
0
0
1.5125V
0
1
1
0
1
1
1.5250V
0
1
1
0
1
0
1.5375V
0
1
1
0
0
1
1.5500V
0
1
1
0
0
0
1.5625V
0
1
0
1
1
1
1.5750V
0
1
0
1
1
0
1.5875V
0
1
0
1
0
1
1.600V
TABLE 1. VOLTAGE IDENTIFICATION (VID) CODES (Continued)
VID4
VID3
VID2
VID1
VID0
VID12.5
VDAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com