Electronic Components Datasheet Search
  English  ▼

X  

ISL6565BCBZ Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL6565BCBZ
Description  Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6565BCBZ Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL6565BCBZ Datasheet HTML 17Page - Renesas Technology Corp ISL6565BCBZ Datasheet HTML 18Page - Renesas Technology Corp ISL6565BCBZ Datasheet HTML 19Page - Renesas Technology Corp ISL6565BCBZ Datasheet HTML 20Page - Renesas Technology Corp ISL6565BCBZ Datasheet HTML 21Page - Renesas Technology Corp ISL6565BCBZ Datasheet HTML 22Page - Renesas Technology Corp ISL6565BCBZ Datasheet HTML 23Page - Renesas Technology Corp ISL6565BCBZ Datasheet HTML 24Page - Renesas Technology Corp ISL6565BCBZ Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ISL6565A, ISL6565B
FN9135 Rev 4.00
Page 21 of 28
Dec 1, 2005
The time constant of this R-C network must match the time
constant of the inductor L/DCR. Follow the steps below to
choose the component values for this R-C network.
1. Choose an arbitrary value for C. The recommended value
is 0.01
F.
2. Plug the Inductor L and DCR component values, and the
values for C chosen in steps 1, into Equation 28 to
calculate your value for R1. Do not populate R2.
Due to errors in the inductance or DCR it may be necessary
to adjust the value of R1 for each phase to match the time
constants correctly.
Once the R-C network components have been chosen, use
Equation 29 to calculate the value of RISEN. In Equation 29,
DCR is the DCR of the output inductor at room temperature,
IFL is the full load operating current, and N is the number of
phases.
Adjusting Phase Currents (ISL6565B Only)
Layout issues in the core-power regulator may cause the
currents in each phase to be slightly unbalanced. This
problem can be resolved without any changes to the layout or
any significant cost increase. The solution requires populating
R2 in certain phases (as shown in Figure 16) to create a
resistor divider ratio, K, for each phase. The time constant of
each new resistor divider R-C sense network must match the
time constant of the old sense network. Follow the steps
below to choose the component values for the resistor
divider R-C network for each phase.
1. Load the regulator to full load and allow the board to heat
until the output voltage stabilizes (usually several
minutes).
2. Measure the current flowing through each phase,
labeling the highest phase current, IHIGH, and the other,
lower phase currents ILOW(1) and ILOW(2).
3. Individually, plug the values for each low phase current,
ILOW(n), the highest phase current, IHIGH, the full load
current, ILOAD, and the number of phases, N, into
Equation 30 to calculate the resistor divider ratio, KLOW,
for each low phase. (NOTE: The phase with the highest
phase current is the reference phase and it will not use a
resistor divider network, keeping its resistor divider ratio
equal to 1.)
4. For each phase, calculate the values for the new R-C
network sense resistors, R1,new and R2,new, by plugging
in each phase’s new resistor divider ratio, KLOW, and
each phase’s present sense resistor R1, into Equations
31 and 32.
After calculating the new resistor divider sense resistors, the
phases will be balanced. It may be necessary to adjust the
RISEN resistor slightly to correct for any changes in the
desired ISEN current that results from adding the resistor
dividers.
The phase currents might also have to be adjusted if the
components of one or more phases are inhibited from
effectively dissipating their heat so that the affected phases
run hotter than desired. In this case it may be necessary to
adjust the resistor divider ratio of one or more of the R-C
networks. Doing so adjusts the current through affected
phases and can balance the temperatures of each phase.
Choose R1,new and R2,new in relation to the desired change
in temperature, as described in Equations 33 and 34, in order
to cause less current to flow in the hotter phase.
In Equations 33 and 34,
T2 is the desired temperature rise
above the ambient temperature, and
T1 is the measured
temperature rise above the ambient temperature. It is
FIGURE 16. DCR SENSING CONFIGURATION
ISEN(n)
ISL6565B
VIN
ICOMMON
PWM(n)
ISL6605
RISEN
DCR
L
INDUCTOR
R1
VOUT
COUT
VC(s)
C
IL
VL(s)
ISEN
R2
R1
L
DCR C
----------------------
=
(EQ. 28)
RISEN
DCR IFL
70 10
6
–
N
----------------------------------
=
(EQ. 29)
KLOW n

1
ILOW n
 I
HIGH
–
ILOAD N
---------------------------------------------
+
=
(EQ. 30)
R1new
n

R1 n

KLOW n

-------------------------
=
(EQ. 31)
R2new
n

R1 n

1K
– LOW n

-----------------------------------
=
(EQ. 32)
R1 new
,
R1
T
2
T
1
----------
=
(EQ. 33)
R2 new
,
R1 R2
R1 R2 1
T1
T2
----------
–



+
---------------------------------------------------
=
(EQ. 34)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com