Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314 Datasheet(PDF) 69 Page - Exar Corporation

Part # XRT83SL314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314 Datasheet(HTML) 69 Page - Exar Corporation

Back Button XRT83SL314 Datasheet HTML 65Page - Exar Corporation XRT83SL314 Datasheet HTML 66Page - Exar Corporation XRT83SL314 Datasheet HTML 67Page - Exar Corporation XRT83SL314 Datasheet HTML 68Page - Exar Corporation XRT83SL314 Datasheet HTML 69Page - Exar Corporation XRT83SL314 Datasheet HTML 70Page - Exar Corporation XRT83SL314 Datasheet HTML 71Page - Exar Corporation XRT83SL314 Datasheet HTML 72Page - Exar Corporation XRT83SL314 Datasheet HTML 73Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 85 page
background image
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PRELIMINARY
REV. P1.0.5
64
TABLE 42: MICROPROCESSOR REGISTER 0XE1H BIT DESCRIPTION
TABLE 43: MICROPROCESSOR REGISTER 0XE2H BIT DESCRIPTION
GLOBAL REGISTER (0XE1H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
Reserved
This Register Bit is Not Used
R/W
0
D6
Reserved
This Register Bit is Not Used
R/W
0
D5
D4
GAUGE1
GAUGE0
Wire Gauge Select
00 = 22 and 24 gauge
01 = 22 gauge
10 = 24 gauge
11 = 26 gauge
R/W
0
0
D3
Reserved
This Register Bit is Not Used
R/W
0
D2
RxMUTE
Receiver Output Mute Enable
If RxMUTE is selected, RPOS/RNEG will be pulled "Low" for any
channel that experiences an RLOS condition. If an RLOS condi-
tion does not occur, RxMUTE will remain inactive.
0 = Disabled
1 = Enabled
R/W
0
D1
EXLOS
Extended Loss of Zeros
The number of zeros required to declare a Digital Loss of Signal is
extended to 4,096.
0 = Normal Operation
1 = Enables the EXLOS function
R/W
0
D0
ICT
In Circuit Testing
0 = Normal Operation
1 = Sets all output pins to "High" impedance for in circuit testing
R/W
0
GLOBAL REGISTER (0XE2H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
Reserved
This Register Bit is Not Used
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com