Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL38IV Datasheet(PDF) 19 Page - Exar Corporation

Part # XRT83SL38IV
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38IV Datasheet(HTML) 19 Page - Exar Corporation

Back Button XRT83SL38IV Datasheet HTML 15Page - Exar Corporation XRT83SL38IV Datasheet HTML 16Page - Exar Corporation XRT83SL38IV Datasheet HTML 17Page - Exar Corporation XRT83SL38IV Datasheet HTML 18Page - Exar Corporation XRT83SL38IV Datasheet HTML 19Page - Exar Corporation XRT83SL38IV Datasheet HTML 20Page - Exar Corporation XRT83SL38IV Datasheet HTML 21Page - Exar Corporation XRT83SL38IV Datasheet HTML 22Page - Exar Corporation XRT83SL38IV Datasheet HTML 23Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 89 page
background image
XRT83SL38
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.1.0
16
ALARM FUNCTIONS/REDUNDANCY SUPPORT
SIGNAL NAME
TQFP
PIN #
BGA
LEAD #
TYPE
DESCRIPTION
GAUGE
134
J18
I
Twisted Pair Cable Wire Gauge Select - Hardware Mode
Connect this pin “High” to select 26 Gauge wire. Connect this pin “Low” to
select 22 and 24 gauge wire for all channels.
NOTE: Internally pulled “Low” with a 50k
Ω resistor.
DMO_0
DMO_1
DMO_2
DMO_3
DMO_4
DMO_5
DMO_6
DMO_7
199
10
147
166
62
43
114
95
D5
D4
C15
C13
R5
P4
U17
V14
O
Driver Failure Monitor Channel _0:
This pin transitions “High” if a short circuit condition is detected in the transmit
driver of Channel _0, or no transmit output pulse is detected for more than 128
TCLK_0 cycles.
Driver Failure Monitor Channel _1
Driver Failure Monitor Channel _2
Driver Failure Monitor Channel _3
Driver Failure Monitor Channel _4
Driver Failure Monitor Channel _5
Driver Failure Monitor Channel _6
Driver Failure Monitor Channel _7
ATAOS
µPCLK
94
T13
T13
I
Automatic Transmit “All Ones” Pattern - Hardware Mode
A "High" level on this pin enables the automatic transmission of an "All Ones"
AMI pattern from the transmitter of any channel that the receiver of that chan-
nel has detected an LOS condition. A "Low" level on this pin disables this func-
tion.
Note: All channels share the same ATAOS control function.
Microprocessor Clock Input - Host mode
See “Microprocessor Clock Input - Host Mode:” on page 13.
NOTE: This pin is internally pulled “Low” for asynchronous microprocessor
interface when no clock is present.
TRATIO
INT
127
L16
L16
I
O
Transmitter Transformer Ratio Select - Hardware mode
In external termination mode (TXTSEL = 0), setting this pin “High” selects a
transformer ratio of 1:2 for the transmitter. A “Low” on this pin sets the trans-
mitter transformer ratio to 1:2.45. In the internal termination mode the trans-
mitter transformer ratio is permanently set to 1:2 and the state of this pin is
ignored.
Interrupt Output - Host mode
This pin is asserted “Low” to indicate an alarm condition. See “Interrupt Output
- Host mode” on page 13.
NOTE: This pin is an open drain output and requires an external 10k
Ω pull-up
resistor.
RESET
75
T8
I
Hardware Reset (Active “Low”):
When this pin is tied “Low” for more than 10µs, the device is put in the reset
state.
NOTE: This pin is internally pulled “High” with a 50k
Ω resistor.
SR/DR
30
K4
I
Single-Rail/Dual-Rail Data Format:
Connect this pin “Low” to select transmit and receive data format in Dual-Rail
mode. In this mode, HDB3 or B8ZS encoder and decoder are not available.
Connect this pin “High” to select single-rail data format.
NOTE: Internally pulled “Low” with a 50k
Ω resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com