Electronic Components Datasheet Search
  English  ▼

X  

XRT7295AT Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT7295AT
Description  DS3/Sonet STS-1 Integrated Line Receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7295AT Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT7295AT Datasheet HTML 9Page - Exar Corporation XRT7295AT Datasheet HTML 10Page - Exar Corporation XRT7295AT Datasheet HTML 11Page - Exar Corporation XRT7295AT Datasheet HTML 12Page - Exar Corporation XRT7295AT Datasheet HTML 13Page - Exar Corporation XRT7295AT Datasheet HTML 14Page - Exar Corporation XRT7295AT Datasheet HTML 15Page - Exar Corporation XRT7295AT Datasheet HTML 16Page - Exar Corporation XRT7295AT Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
XRT7295AT
13
Rev.1.20
Data
Rate
REQB
LOSTHR
Min.
Threshold
Max.
Threshold
Unit
DS3
0
0
60
220
mV pk
VDD/2
40
145
mV pk
VDD
25
90
mV pk
1
0
45
175
mV pk
VDD/2
30
115
mV pk
VDD
20
70
mV pk
STS-1
0
0
75
275
mV pk
VDD/2
50
185
mV pk
VDD
30
115
mV pk
1
0
55
220
mV pk
VDD/2
35
145
mV pk
VDD
25
90
mV pk
Notes
- Lower threshold is 1.5 dB below upper threshold.
- The RLOS alarm is an indication of the absence of an input signal, not a bit error rate indication (independent of the RLOS state). The
device will attempt to recover correct timing data. The RLOS low-to-high transition typically occurs 1dB below the high to low transi-
tion.
Table 6. Analog Loss-of-Signal Thresholds
RECOVERED CLOCK AND DATA TIMING
Table 7
and Figure 11 summarize the timing relationships
between the logic signals RCLK, RPDATA, and RNDATA.
The duty cycle is referenced to VDD/2 threshold level.
RPDATA and RNDATA change on the rising edge of
RCLK and are valid during the falling edge of RCLK. A
positive pulse at RIN creates a high level on RPDATA and
a low level on RNDATA. A negative pulse at the input
creates a high level on RNDATA and a low level on
RPDATA, and a received zero produces low levels on
both RPDATA and RNDATA.
IN-CIRCUIT TEST CAPABILITY
When pulled low, the ICT pin forces all digital output
buffers (RCLK, RPDATA, RNDATA, RLOS, RLOL pins) to
be placed in a high output impedance state. This feature
allows in-circuit testing to be done on neighboring devices
without concern for XRT7295AT device buffer damage.
An internal pull-up device (nominally 50kW) is provided on
this pin therefore, users can leave this pin unconnected
for normal operation. Test equipment can pull ICT low
during in-circuit testing without damaging the device.
This is the only pin for which internal pull-up/pull-down is
provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com