Electronic Components Datasheet Search
  English  ▼

X  

ISL8104IBZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL8104IBZ
Description  8V to 14V, Single-Phase Synchronous Buck Pulse-Width Modulation (PWM) Controller With Integrated Gate Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8104IBZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL8104IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL8104IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL8104IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL8104IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL8104IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL8104IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL8104IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL8104IBZ Datasheet HTML 13Page - Renesas Technology Corp ISL8104IBZ Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ISL8104
FN9257 Rev 2.00
Page 10 of 14
March 7, 2008
times fSW). fSW represents the switching frequency of the
regulator. Change the numerical factor (0.7) below to
reflect desired placement of this pole. Placement of FP2
lower in frequency helps reduce the gain of the
compensation network at high frequency, in turn reducing
the HF ripple component at the COMP pin and minimizing
resultant duty cycle jitter.
It is recommended that a mathematical model be used to
plot the loop response. Check the loop gain against the error
amplifier’s open-loop gain. Verify phase margin results and
adjust as necessary. Equation 13 describes the frequency
response of the modulator (GMOD), feedback compensation
(GFB) and closed-loop response (GCL):
COMPENSATION BREAK FREQUENCY EQUATIONS
Figure 8 shows an asymptotic plot of the DC/DC converter’s
gain vs frequency. The actual Modulator Gain has a high gain
peak dependent on the quality factor (Q) of the output filter,
which is not shown. Using the previously mentioned guidelines
should yield a compensation gain similar to the curve plotted.
The open loop error amplifier gain bounds the compensation
gain. Check the compensation gain at FP2 against the
capabilities of the error amplifier. The closed loop gain, GCL, is
constructed on the log-log graph of Figure 8 by adding the
modulator gain, GMOD (in dB), to the feedback
compensation gain, GFB (in dB). This is equivalent to
multiplying the modulator transfer function and the
compensation transfer function and then plotting the
resulting gain.
A stable control loop has a gain crossing with close to a
-20dB/decade slope and a phase margin greater than 45°.
Include worst case component variations when determining
phase margin. The mathematical model presented makes a
number of approximations and is generally not accurate at
frequencies approaching or exceeding half the switching
frequency. When designing compensation networks, select
target crossover frequencies in the range of 10% to 30% of
the switching frequency, fSW.
Component Selection Guidelines
Output Capacitor Selection
An output capacitor is required to filter the output and supply
the load transient current. The filtering requirements are a
function of the switching frequency and the ripple current.
The load transient requirements are a function of the slew
rate (di/dt) and the magnitude of the transient load current.
These requirements are generally met with a mix of
capacitors and careful layout.
For applications that have transient load rates above 1A/ns,
high frequency capacitors initially supply the transient and
slow the current load rate seen by the bulk capacitors. The
bulk filter capacitor values are generally determined by the
ESR (effective series resistance) and voltage rating
requirements rather than actual capacitance requirements.
High frequency decoupling capacitors should be placed as
close to the power pins of the load as physically possible. Be
careful not to add inductance in the circuit board wiring that
could cancel the usefulness of these low inductance
components. Consult with the manufacturer of the load on
specific decoupling requirements.
Use only specialized low-ESR capacitors intended for
switching-regulator applications for the bulk capacitors.
The bulk capacitor’s ESR will determine the output ripple
voltage and the initial voltage drop after a high slew-rate
transient. An aluminum electrolytic capacitor's ESR value is
related to the case size with lower ESR available in larger
case sizes. However, the equivalent series inductance
(ESL) of these capacitors increases with case size and can
reduce the usefulness of the capacitor to high slew-rate
R3
R1
fSW
FLC
----------- 1
–
--------------------
=
C3
1
2
 R
3 0.7 fSW

-----------------------------------------------
=
(EQ. 12)
GMOD f
DMAX VIN
VOSC
-------------------------------
1s f
 ESR C

+
1s f
 ESR DCR
+
 C

s
2 f LC

++
-----------------------------------------------------------------------------------------------------------
=
GFB f
1s f
 R
2 C1

+
sf
 R
1
C1 C2
+


----------------------------------------------------
=
1s f
 R
1
R3
+
 C
3

+
1s f
 R
3 C3

+
 1s f
 R
2
C1 C2
C1 C2
+
---------------------




+



-------------------------------------------------------------------------------------------------------------------------
GCL f
GMOD f GFB f
=
where s f

2
 fj

=
(EQ. 13)
FZ1
1
2
 R
2 C1

-------------------------------
=
FZ2
1
2
 R
1
R3
+
 C
3

-------------------------------------------------
=
FP1
1
2
 R
2
C1 C2
C1 C2
+
---------------------

---------------------------------------------
=
FP2
1
2
 R
3 C3

-------------------------------
=
(EQ. 14)
0
FP1
FZ2
OPEN LOOP E/A GAIN
FZ1
FP2
FLC
FCE
COMPENSATION GAIN
FREQUENCY
MODULATOR GAIN
FIGURE 8. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
CLOSED LOOP GAIN
20
R2
R1
--------


log
LOG
F0
GMOD
GFB
GCL
20
DMAX V
IN
VOSC
----------------------------------
log



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com