Electronic Components Datasheet Search
  English  ▼

X  

ISL9012 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL9012
Description  Dual LDO with Low Noise, Low IQ, and High PSRR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9012 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL9012 Datasheet HTML 4Page - Renesas Technology Corp ISL9012 Datasheet HTML 5Page - Renesas Technology Corp ISL9012 Datasheet HTML 6Page - Renesas Technology Corp ISL9012 Datasheet HTML 7Page - Renesas Technology Corp ISL9012 Datasheet HTML 8Page - Renesas Technology Corp ISL9012 Datasheet HTML 9Page - Renesas Technology Corp ISL9012 Datasheet HTML 10Page - Renesas Technology Corp ISL9012 Datasheet HTML 11Page - Renesas Technology Corp ISL9012 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ISL9012
FN9220 Rev 4.00
Page 10 of 12
December 10, 2015
delays the VO2 turn-on until the VO1 output reaches its target
level.
If EN2 is brought high, and EN1 goes high after VO2 starts its
output ramp, then the ISL9012 immediately starts to ramp up
the VO1 output.
If both EN1 and EN2 are high, the VO1 output has priority, and
is always powered up first.
During operation, whenever the VIN voltage drops below about
1.8V, the ISL9012 immediately disables both LDO outputs.
When VIN rises back above 2.1V, the device re-initiates its
start-up sequence and LDO operation will resume
automatically.
Reference Generation
The reference generation circuitry includes a trimmed
bandgap, a trimmed voltage reference divider, a trimmed
current reference generator, and an RC noise filter. The filter
includes the external capacitor connected to the CBYP pin. A
0.01µF capacitor connected CBYP implements a 100Hz
lowpass filter, and is recommended for most high performance
applications. For the lowest noise application, a 0.1µF or
greater CBYP capacitor should be used. This filters the
reference noise to below the 10Hz to1kHz frequency band,
which is crucial in many noise-sensitive applications.
The bandgap generates a zero temperature coefficient (TC)
voltage for the reference divider. The reference divider
provides the regulation reference, POR detection thresholds,
and other voltage references required for current generation
and over-temperature detection.
The current generator outputs references required for adaptive
biasing as well as references for LDO output current limit and
thermal shutdown determination.
LDO Regulation and Programmable Output Divider
The LDO Regulator is implemented with a high-gain
operational amplifier driving a PMOS pass transistor. The
design of the ISL9012 provides a regulator that has low
quiescent current, fast transient response, and overall stability
across all operating and load current conditions. LDO stability
is guaranteed for a 1µF to 10µF output capacitor that has a
tolerance better than 20% and ESR less than 200m. The
design is performance-optimized for a 1µF capacitor. Unless
limited by the application, use of an output capacitor value
above 4.7µF is not recommended as LDO performance
improvement is minimal.
Soft-start circuitry integrated into each LDO limits the initial
ramp-up rate to about 30µs/V to minimize current surge. The
ISL9012 provides short-circuit protection by limiting the output
current to about 475mA.
Each LDO uses an independently trimmed 1V reference. An
internal resistor divider drops the LDO output voltage down to
1V. This is compared to the 1V reference for regulation. The
resistor division ratio is programmed in the factory to one of the
following output voltages: 1.5V, 1.8V, 1.85V, 2.5V, 2.6V, 2.7V,
2.8V, 2.85V, 2.9V, 3.0V, and 3.3V.
Power-On Reset Generation
LDO-2 has a Power-on Reset signal generation circuit which
outputs to the POR pin. The POR signal is generated as
follows:
A POR comparator continuously monitors the voltage of the
LDO-2 output. The LDO enters a power-good state when the
output voltage is above 94% of the expected output voltage for
a period exceeding the LDO PGOOD entry delay time. In the
power-good state, the open-drain POR output is in a high-
impedance state. An external resistor can be added between
the POR output and either LDO output or the input voltage,
VIN.
The power-good state is exited when the LDO-2 output falls
below 90% of the expected output voltage for a period longer
than the PGOOD exit delay time. While power-good is false,
the ISL9012 pulls the respective POR pin low.
The PGOOD entry and exit delays are determined by the value
of the external capacitor connected to the CPOR pin. For a
0.01µF capacitor, the entry and exit delays are 200ms and
25µs respectively. Larger or smaller capacitor values will yield
proportionately longer or shorter delay times. The POR exit
delay should never be allowed to be less than 10µs to ensure
sufficient immunity against transient induced false POR
triggering.
Overheat Detection
The bandgap outputs a proportional-to-temperature current
that is indicative of the temperature of the silicon. This current
is compared with references to determine if the device is in
danger of damage due to overheating. When the die
temperature reaches about +145°C, one or both of the LDO’s
momentarily shut down until the die cools sufficiently. In the
overheat condition, only the LDO sourcing more than 50mA
will be shut off. This does not affect the operation of the other
LDO. If both LDOs source more than 50mA and an overheat
condition occurs, both LDO outputs are disabled. Once the die
temperature falls back below about +110°C, the disabled
LDO(s) are re-enabled and soft-start automatically takes place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com