Electronic Components Datasheet Search
  English  ▼

X  

ISL9012IRFDZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL9012IRFDZ
Description  Dual LDO with Low Noise, Low IQ, and High PSRR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9012IRFDZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL9012IRFDZ Datasheet HTML 4Page - Renesas Technology Corp ISL9012IRFDZ Datasheet HTML 5Page - Renesas Technology Corp ISL9012IRFDZ Datasheet HTML 6Page - Renesas Technology Corp ISL9012IRFDZ Datasheet HTML 7Page - Renesas Technology Corp ISL9012IRFDZ Datasheet HTML 8Page - Renesas Technology Corp ISL9012IRFDZ Datasheet HTML 9Page - Renesas Technology Corp ISL9012IRFDZ Datasheet HTML 10Page - Renesas Technology Corp ISL9012IRFDZ Datasheet HTML 11Page - Renesas Technology Corp ISL9012IRFDZ Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ISL9012
FN9220 Rev 4.00
Page 12 of 12
December 10, 2015
Package Outline Drawing
L10.3x3C
10 LEAD DUAL FLAT PACKAGE (DFN)
Rev 4, 3/15
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
The configuration of the pin #1 identifier is optional, but must be
Dimensions in ( ) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
5.
either a mold or mark feature.
3.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
(4X)
0.10
INDEX AREA
PIN 1
PIN #1 INDEX AREA
C
SEATING PLANE
BASE PLANE
0.08
SEE DETAIL "X"
C
C
4
5
5
A
B
0.10 C
2
6
10
1
0.20
(10x 0.25)
(8x 0.50)
1.64
(10 x 0.60)
3.00
0.05
0.20 REF
10 x 0.25
10x 0.40
1.64
CB
(4X)
0.10
CB
M
6.
Compliant to JEDEC MO-229-WEED-3 except for E-PAD
dimensions.
2.80 TYP
Tiebar shown (if present) is a non-functional feature and may be
located on any of the 4 sides (or ends).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com