Electronic Components Datasheet Search
  English  ▼

X  

LYY8SF Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LYY8SF
Description  Micro SIDELED® 3010
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYY8SF Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LYY8SF Datasheet HTML 5Page - OSRAM GmbH LYY8SF Datasheet HTML 6Page - OSRAM GmbH LYY8SF Datasheet HTML 7Page - OSRAM GmbH LYY8SF Datasheet HTML 8Page - OSRAM GmbH LYY8SF Datasheet HTML 9Page - OSRAM GmbH LYY8SF Datasheet HTML 10Page - OSRAM GmbH LYY8SF Datasheet HTML 11Page - OSRAM GmbH LYY8SF Datasheet HTML 12Page - OSRAM GmbH LYY8SF Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LY Y8SF
9 Version 1.3 | 2018-02-12
OHL03619
0
-40
˚C
T
(25 ˚C)
IV
IV
0.5
1.0
1.5
2.0
2.5
-20 0204060
100
j
-60
yellow
red
Relative Luminous Intensity 7)
I
v/Iv(25 °C) = f(Tj); IF = 20 mA
OHL02667
T
F
V
j
-40
-0.2
-200 20 40
0.25
˚C
60
100
-60
V
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
∆
Forward Voltage 7)
∆
V
F = VF - VF(25 °C) = f(Tj); IF = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com