Electronic Components Datasheet Search
  English  ▼

X  

SFH-7222 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SFH-7222
Description  GaAlAs Infrared Emitter (880 nm) and green GaP-LED (565 nm)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7222 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SFH-7222 Datasheet HTML 4Page - OSRAM GmbH SFH-7222 Datasheet HTML 5Page - OSRAM GmbH SFH-7222 Datasheet HTML 6Page - OSRAM GmbH SFH-7222 Datasheet HTML 7Page - OSRAM GmbH SFH-7222 Datasheet HTML 8Page - OSRAM GmbH SFH-7222 Datasheet HTML 9Page - OSRAM GmbH SFH-7222 Datasheet HTML 10Page - OSRAM GmbH SFH-7222 Datasheet HTML 11Page - OSRAM GmbH SFH-7222 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2012-08-17
8
Version 1.0 (not for new design)
SFH 7222
Diagrams
LED
Diagramme
LED
Forward Current
Durchlassstrom
IF= f(VF), single pulse, tp = 100 µs, TA= 25°C
Relative Luminous Intensity
Relative Lichtstärke
Ie / Ie(100 mA)= f(IF), TA = 25 °C
10 -1
V
5
green
OHF00577
Ι
F
F
V
0
10
1
10
2
10
5
mA
1.0
1.4
1.8
2.2
2.6
3.0
3.4
V
V (10 mA)
10 -1
0
10
10 12
10
mA
green
10 -3
5
OHF00578
F
Ι
5
-2
10
5
-1
10
0
10
1
10
Ι
Ι
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com