Electronic Components Datasheet Search
  English  ▼

X  

ASG304 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ASG304
Description  DC-2000 MHz SiGe HBT Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ASG304 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  ASG304 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASG304 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASG304 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASG304 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASG304 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASG304 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASG304 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASG304 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/8
www.ASB.co.kr
June 2003
* Zo=50
Ω , Vcc=6 V, Ic=120 mA
Frequency (MHz)
Parameters
Units
50
250
450
650
850
Gain
dB
13.3
13.4
13.2
13.6
13.1
Output P1dB
dBm
22
23
22.4
22
21.5
S11
dB
-8.1
-8.2
-9.1
-12
-15.8
S22
dB
-8.4
-9.5
-9.2
-8.8
-10.1
S12
dB
-43
-41
-37
-33
-30
Noise Figure
dB
5.2
5.4
5.9
5.9
5.6
OIP3
dBm
36
38
37
33
35
OIP2
dBm
49
52
53
63
70
Application Circuit: 50-860 MHz for CATV
Typical Performance
S-parameters
Schematic
Board Layout (FR4, 40x40 mm
2, 0.8T)
ASG304
C2=3.3 pF
C1=1000 pF
R1=7.5 k
Ω
L2=100 nH
C3=1000 pF
Vcc=6 V
RF IN
RF OUT
ASG304
C5=
100 pF
C6=
1000 pF
C7=
0.1
µF
R2=20
Ω
R4=270
Ω
R3=20
Ω
C4=1000 pF
L1=39 nH
0
200
400
600
800
1000
0
5
10
15
20
Frequency (MHz)
0
200
400
600
800
1000
-20
-15
-10
-5
0
S22
S11
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com