Electronic Components Datasheet Search
  English  ▼

X  

TSL27711 Datasheet(PDF) 21 Page - ams AG

Part # TSL27711
Description  Light-to-Digital Converter with Proximity Sensing
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL27711 Datasheet(HTML) 21 Page - ams AG

Back Button TSL27711 Datasheet HTML 17Page - ams AG TSL27711 Datasheet HTML 18Page - ams AG TSL27711 Datasheet HTML 19Page - ams AG TSL27711 Datasheet HTML 20Page - ams AG TSL27711 Datasheet HTML 21Page - ams AG TSL27711 Datasheet HTML 22Page - ams AG TSL27711 Datasheet HTML 23Page - ams AG TSL27711 Datasheet HTML 24Page - ams AG TSL27711 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
ams Datasheet
Page 21
[v1-00] 2016-Mar-22
Document Feedback
TSL2771 − Principles Of Operation
State Diagram
Figure 24 shows a more detailed flow for the state machine. The
device starts in the sleep mode. The PON bit is written to enable
the device. A 2.72-ms delay will occur before entering the start
state. If the PEN bit is set, the state machine will step through
the proximity states of proximity accumulate and then
proximity ADC conversion. As soon as the conversion is
complete, the state machine will move to the following state.
If the WEN bit is set, the state machine will then cycle through
the wait state. If the WLONG bit is set, the wait cycles are
extended by 12× over normal operation. When the wait counter
terminates, the state machine will step to the ALS state.
The AEN should always be set, even in proximity-only operation.
In this case, a minimum of 1 integration time step should be
programmed. The ALS state machine will continue until it
reaches the terminal count at which point the data will be
latched in the ALS register and the interrupt set, if enabled.
Figure 24:
Expanded State Diagram
Prox
Check
PON = 1
PON = 0
Sleep
ALS
Check
Wait
Check
Start
Wait
WEN = 1
Prox
Accum
Prox
ADC
ALS
ALS
Delay
PEN = 1
AEN = 1
Up to 255 LED Pulses
Pulse Frequency: 62.5 kHz
Time: 16
ms − 4.2 ms
Maximum 4.2ms
Up to 256 steps
Step: 2.72 ms
Time: 2.72 ms − 696 ms
120 Hz Minimum − 8 ms
100 Hz Minimum − 10 ms
Counts up to 256 steps
Step: 2.72 ms
Time: 2.72 mS − 696 ms
Recommended − 2.72 ms 1024 Counts
WLONG = 0
Counts up to 256 steps
Step: 2.72 ms
Time: 2.72 ms − 696 ms
Minimum − 2.72 ms
WLONG = 1
Counts up to 256 steps
Step: 32.64 ms
Time: 32.64 ms − 8.35 s
Minimum − 32.64 ms
Time: 2.72 ms
Prox
Delay
2.72 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com