Electronic Components Datasheet Search
  English  ▼

X  

M56784 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M56784
Description  SPINDLE MOTOR DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M56784 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M56784 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M56784 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M56784 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M56784 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M56784 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M56784 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M56784 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M56784 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M56784 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SPINDLE MOTOR DRIVER
M56784FP
MITSUBISHI <CONTROL / DRIVER IC>
HALL AMPLIFIER INPUT AND COMMUTATION
The relationship between the hall amplifier inputs voltage and the motor current outputs is shown in Figure 2.
Hu+
Hv+
Hw+
SINK
SOURSE
Output
current
Hall
inputs
U
V
W
V
U
V
W
W
U
Figure 2.
HALL AMPLIFIER INPUT SENSITIVITY SELECT
Figure 3 shows the hall amplifier input sensitivity select function.
You are able to select a sensitivity of a hall amplifier out of two
levels which is suitable for the hall elements type.
If the output minimum level of the hall elements is lower than
50mVp-p, please connect the MODE4 pin to external GND. In this
case, the output current changes shaply. If the output minimum
level of the hall elements is higher than 50mVp-p, please make the
MODE4 pin open, then the output current is commutated softly.
We recommend that the output level of the hall elements be set
between 80mVp-p and 120mVp-p, and the MODE4 pin is an open.
Figure 3.
MODE4
OPEN or HIGH
GND
120 degree
soft switching
120 degree switching
** Io current
changes sharply.
The hall amp
minimum input
voltage is
50mVp-p.
The hall amp
minimum input
voltage is
35mVp-p.
W
Hall elements
Outer loator
FORWARD
EC < ECR
U
W
V
U
W
W
V
U
V
U
V
REVERSE
EC > ECR
SLEEP MODE FUNCTION
Figure 4.
Figure 4 shows the sleep mode function. If the
pin [S/S] is set to
be open or low, the motor drive outputs have high impedance and
the motor stops. Then, the IC bias current will be a slight current
(please refer to the electrical characteristics), and the hall bias
output will be cut off. When the
pin input is high, all the circuits
will work.
41
41
START / STOP (
pin)
LOW or OPEN
HIGH
Motor Stop
Bias off
Hall-Bias off
Motor on
Bias on
Hall-Bias on
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com