Electronic Components Datasheet Search
  English  ▼

X  

BUL1102E Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUL1102E
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL1102E Datasheet(HTML) 2 Page - STMicroelectronics

  BUL1102E Datasheet HTML 1Page - STMicroelectronics BUL1102E Datasheet HTML 2Page - STMicroelectronics BUL1102E Datasheet HTML 3Page - STMicroelectronics BUL1102E Datasheet HTML 4Page - STMicroelectronics BUL1102E Datasheet HTML 5Page - STMicroelectronics BUL1102E Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-Case
Max
1.78
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
VCE = 1100 V
100
µA
IEBO
Emitter Cut-off Current
(IB = 0)
VEB = 12 V
1
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 100 mA
450
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 2 A
IB = 400 mA
1.5
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 2 A
IB = 400 mA
1.5
V
hFE
∗
DC Current Gain
IC = 250 mA
VCE = 5 V
IC = 2 A
VCE = 5 V
35
12
70
20
ts
tf
RESISTIVE LOAD
Storage Time
Fall Time
IC = 2.5 A
VCC = 250 V
IB1 = 0.5 A
IB2 = 1 A
TP = 30
µs
(see figure 2)
2.5
300
µs
ns
Ear
Avalanche Energy
L = 2 mH
C = 1.8 nF
IBR
≤ 2.5A
25
oC < TC <125oC
(see figure 1)
6mJ
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Areas
Derating Curve
BUL1102E
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com