Electronic Components Datasheet Search
  English  ▼

X  

ISL9237HRZ Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ISL9237HRZ
Description  Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9237HRZ Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ISL9237HRZ Datasheet HTML 32Page - Renesas Technology Corp ISL9237HRZ Datasheet HTML 33Page - Renesas Technology Corp ISL9237HRZ Datasheet HTML 34Page - Renesas Technology Corp ISL9237HRZ Datasheet HTML 35Page - Renesas Technology Corp ISL9237HRZ Datasheet HTML 36Page - Renesas Technology Corp ISL9237HRZ Datasheet HTML 37Page - Renesas Technology Corp ISL9237HRZ Datasheet HTML 38Page - Renesas Technology Corp ISL9237HRZ Datasheet HTML 39Page - Renesas Technology Corp ISL9237HRZ Datasheet HTML 40Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
FN8723 Rev.5.00
Page 39 of 40
Nov 29, 2017
ISL9237
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2016-2017. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
About Intersil
Intersil Corporation is a leading provider of innovative power management and precision analog solutions. The company's products
address some of the largest markets within the industrial and infrastructure, mobile computing and high-end consumer markets.
For the most updated datasheet, application notes, related documentation and related parts, please see the respective product
information page found at www.intersil.com.
You may report errors or suggestions for improving this datasheet by visiting www.intersil.com/ask.
For a listing of definitions and abbreviations of common terms used in our documents, visit: www.intersil.com/glossary.
Reliability reports are also available from our website at www.intersil.com/support.
Revision History The revision history provided is for informational purposes only and is believed to be accurate, however, not
warranted. Please go to the web to make sure that you have the latest revision.
DATE
REVISION
CHANGE
Nov 29, 2017
FN7823.5
Added Way Overcurrent Protection (WOCP) function to datasheet.
October 4, 2017
FN7823.4
Applied new header/footer and formatting.
Updated Related Literature Removed Way Overcurrent Protection (WOCP) feature from datasheet. Made
Bit 1 on page 24 “Not used”.
July 7, 2016
FN8723.3
Removed confidential information to make the datasheet publicly available on the web.
June 7, 2016
FN8723.2
Added Related Literature section.
Updated the Ordering Information table by adding the Evaluation board part number.
Fixed typo on Figure 2 on page 5.
Updated “Power Source Selection” on page 29.
Updated “Stand-Alone Comparator” on page 31.
May 12, 2016
FN8723.1
Updated Note 1 by adding “-T7A” option.
Removed Evaluation Board from ordering information table.
-Table 13 on page 23 updated Bit 11 from "Bit<11> configures the debounce time from ACOK assertion
to switching" to "Bit<11> configures the debounce time from adapter insertion to ASGATE turning on" and
changed the Bit name from “Adapter Insertion to Switching Debounce” to “Adapter Insertion to ASGATE
Turning ON Debounce”.
-Table 18 on page 28 added Min and Max column to the table and updated Typ 1% values. Changed the
note from "207kΩ is not standard resistor" to "203kΩ is not standard resistor”.
February 10, 2016
FN8723.0
Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com