Electronic Components Datasheet Search
  English  ▼

X  

ISL9440IRZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL9440IRZ
Description  Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9440IRZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL9440IRZ Datasheet HTML 10Page - Renesas Technology Corp ISL9440IRZ Datasheet HTML 11Page - Renesas Technology Corp ISL9440IRZ Datasheet HTML 12Page - Renesas Technology Corp ISL9440IRZ Datasheet HTML 13Page - Renesas Technology Corp ISL9440IRZ Datasheet HTML 14Page - Renesas Technology Corp ISL9440IRZ Datasheet HTML 15Page - Renesas Technology Corp ISL9440IRZ Datasheet HTML 16Page - Renesas Technology Corp ISL9440IRZ Datasheet HTML 17Page - Renesas Technology Corp ISL9440IRZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ISL9440, ISL9440A, ISL9441
FN6383 Rev 2.00
Page 14 of 20
February 9, 2015
The input voltage range can be effectively limited by the
available maximum duty cycle (DMAX = 93% for ISL9440 and
ISL9441, DMAX = 86% for ISL9440A).
where,
Vd1 = Sum of the parasitic voltage drops in the inductor
discharge path, including the lower FET, inductor and PC
board.
Vd2 = Sum of the voltage drops in the charging path, including
the upper FET, inductor and PC board resistances.
The maximum input voltage and minimum output voltage is
limited by the minimum on-time (tON(min)).
where, tON(min) = 30ns
Gate Control Logic
The gate control logic translates generated PWM signals into gate
drive signals providing amplification, level shifting and shoot-
through protection. The gate drivers have some circuitry that
helps optimize the IC performance over a wide range of
operational conditions. As MOSFET switching times can vary
dramatically from type to type and with input voltage, the gate
control logic provides adaptive dead time by monitoring real gate
waveforms of both the upper and the lower MOSFETs. Shoot-
through control logic provides a 20ns dead-time to ensure that
both the upper and lower MOSFETs will not turn on
simultaneously and cause a shoot-through condition.
Gate Drivers
The low-side gate driver is supplied from VCC_5V and provides
a peak sink current of 2A/2A/200mA and source current of
800mA/800mA/400mA for Channels 1/2/3 respectively. The
high-side gate driver is also capable of delivering the same
current as those in low-side gate driver. Gate-drive voltages for
the upper N-Channel MOSFET are generated by the flying
capacitor boot circuit. A boot capacitor connected from the
BOOT pin to the PHASE node provides power to the high side
MOSFET driver. To limit the peak current in the IC, an external
resistor may be placed between the UGATE pin and the gate of
the external MOSFET. This small series resistor also damps any
oscillations caused by the resonant tank of the parasitic
inductances in the traces of the board and the FET’s input
capacitance.
At start-up, the low-side MOSFET turns on and forces PHASE
to ground in order to charge the BOOT capacitor to 5V. After
the low-side MOSFET turns off, the high-side MOSFET is
turned on by closing an internal switch between BOOT and
UGATE. This provides the necessary gate-to-source voltage to
turn on the upper MOSFET, an action that boosts the 5V gate
drive signal above VIN. The current required to drive the upper
MOSFET is drawn from the internal 5V regulator.
Adaptive Dead Time
The ISL9440, ISL9440A and ISL9441 incorporate an adaptive
dead time algorithm on the synchronous buck PWM controllers
that optimizes operation with varying MOSFET conditions. This
algorithm provides an approximately 20ns of dead time
between switching the upper and lower MOSFET’s. This dead
time is adaptive and allows operation with different MOSFET’s
without having to externally adjust the dead time using a
resistor or capacitor. During turn-off of the lower MOSFET, the
LGATE voltage is monitored until it reaches a 1V threshold, at
which time the UGATE is released to rise. Adaptive dead time
circuitry monitors the upper MOSFET gate voltage during
UGATE turn-off. Once the upper MOSFET gate-to-source
voltage has dropped below a threshold of 1V, the LGATE is
allowed to rise.
Internal Bootstrap Diode
The ISL9440, ISL9440A and ISL9441 have integrated
bootstrap diodes to help reduce total cost and reduce layout
complexity. Simply adding an external capacitor across the
BOOT and PHASE pins completes the bootstrap circuit. The
bootstrap capacitor must have a maximum voltage rating
above the maximum battery voltage plus 5V. The bootstrap
capacitor can be chosen from Equation 4.
Where QGATE is the amount of gate charge required to fully
charge the gate of the upper MOSFET. The
VBOOT term is
defined as the allowable droop in the rail of the upper drive.
VIN min

VOUT Vd1
+
0.93
--------------------------------

 V
d2
Vd1
–
+
=
(EQ. 2)
VIN max

VOUT
tON min
 300kHz
----------------------------------------------------
(EQ. 3)
BOOT
UGATE
PHASE
VCC_5V
VIN
ISL9440, ISL9440A, ISL9441
FIGURE 16.
CBOOT
QGATE
V
BOOT
------------------------
(EQ. 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com