Electronic Components Datasheet Search
  English  ▼

X  

ISL58113 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL58113
Description  Laser Diode Driver with APC Amplifier for Printers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL58113 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL58113 Datasheet HTML 1Page - Renesas Technology Corp ISL58113 Datasheet HTML 2Page - Renesas Technology Corp ISL58113 Datasheet HTML 3Page - Renesas Technology Corp ISL58113 Datasheet HTML 4Page - Renesas Technology Corp ISL58113 Datasheet HTML 5Page - Renesas Technology Corp ISL58113 Datasheet HTML 6Page - Renesas Technology Corp ISL58113 Datasheet HTML 7Page - Renesas Technology Corp ISL58113 Datasheet HTML 8Page - Renesas Technology Corp ISL58113 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ISL58113
FN7659 Rev 1.00
Page 2 of 9
July 29, 2013
Pin Configuration
ISL58113
(24 LD QFN)
TOP VIEW
19
18
17
16
15
14
13
1
2
3
4
5
6
7
THERMAL
NC
DATA
DATAB
GND
DIS
NC
NC
NC
GND
VCC
IOUT
VCC
VCC
PDIN
THERMAL
PAD
Pin Descriptions
PIN
NAME
PIN
NUMBER
I/O
TYPE
DESCRIPTION
DATA
2
I
LVDS
Input data to control Laser Switching Control
DATAB
3
I
LVDS
Input data to control Laser Switching Control
GND
4, 18, 24
Ground
Ground
DIS
5
I
Digital
Disable output current
NC
1, 6, 7, 19,
23
I
No connect
No connect
CHPEN
8
I
Digital
Chip Enable; Pull High to Enable
RPS
9
I
Analog
External resistor sets the Hsync detection power
RBIAS
10
Analog
Resistors set bias threshold current. See “Applications Information” on page 7 for more details
RSET
11
O
Analog
Bandgap derived internal reference
IVOUT
12
O
Analog
Calibrate channel with an external trimpot to GND
Adjust the IV amplifier gain
PDIN
13
I
Analog
Photo Diode input to the IV amplifier
VCC
14, 15, 17
Power
Supply Voltage
IOUT
16
O
Analog
Laser Current Output
HPSB
20
I
TLL
Hsync Power Select Enable; Active Low. During HPSB is low AND Hsync signal from photo
detector is low, the output current is set by RPS
CALB
21
I
TTL
Samples the laser power for APC; Active Low
VC
22
I
Analog
Voltage Controlling Laser Switching Current; 0V to 2V input for 0% to 100% output
Thermal
Pad
-
Exposed Thermal Pad should be soldered to GND
NOTE: Pins with the same name are not necessary internally connected together. LDD pins must not be used for connecting together external
components or features.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com