Electronic Components Datasheet Search
  English  ▼

X  

CS5012A Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5012A
Description  16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5012A Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5012A Datasheet HTML 6Page - Cirrus Logic CS5012A Datasheet HTML 7Page - Cirrus Logic CS5012A Datasheet HTML 8Page - Cirrus Logic CS5012A Datasheet HTML 9Page - Cirrus Logic CS5012A Datasheet HTML 10Page - Cirrus Logic CS5012A Datasheet HTML 11Page - Cirrus Logic CS5012A Datasheet HTML 12Page - Cirrus Logic CS5012A Datasheet HTML 13Page - Cirrus Logic CS5012A Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
CS5012A, CS5014, CS5016
DIGITAL CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V ±10%; VA-, VD- = -5V ±10%)
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VIH
2.0
-
-
V
Low-Level Input Voltage
VIL
-
-
0.8
V
High-Level Output Voltage
(Note 12)
VOH
(VD+) - 1.0V
-
-
V
Low-Level Output Voltage
Iout = 1.6mA
VOL
-
-
0.4
V
Input Leakage Current
Iin
-
-
10
µA
3-State Leakage Current
IOZ
-
-
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF
Notes: 12. Iout = -100 µA. This specification guarantees TTL compatibility (VOH = 2.4V @ Iout = -40 µA).
RECOMMENDED OPERATING CONDITIONS (AGND, DGND = 0V, see Note 13)
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies:
Positive Digital
Negative Digital
Positive Analog
Negative Analog
VD+
VD-
VA+
VA-
4.5
-4.5
4.5
-4.5
5.0
-5.0
5.0
-5.0
VA+
-5.5
5.5
-5.5
V
V
V
V
Analog Reference Voltage
VREF
2.5
4.5
(VA+) - 0.5
V
Analog Input Voltage:
(Note 14)
Unipolar
Bipolar
VAIN
VAIN
AGND
-VREF
-
-
VREF
VREF
V
V
Notes: 13. All voltages with respect to ground.
14. The CS5012A/14/16 can accept input voltages up to the analog supplies (VA+ and VA-).
It will output all 1’s for inputs above VREF and all 0’s for inputs below AGND in unipolar mode
and -VREF in bipolar mode.
ABSOLUTE MAXIMUM RATINGS (AGND, DGND = 0V, all voltages with repect to ground.)
WARNING: Operation at or beyond these limits may reult in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Parameter
Symbol
Min
Max
Units
DC Power Supplies:
Positive Digital
(Note 15)
Negative Digital
Positive Analog
Negative Analog
VD+
VD-
VA+
VA-
-0.3
0.3
-0.3
0.3
6.0
-6.0
6.0
-6.0
V
V
V
V
Input Current, Any Pin Except Supplies
(Note 16)
Iin
-
±10
mA
Analog Input Voltage
(AIN and VREF pins)
VINA
(VA-) - 0.3
(VA+) + 0.3
V
Digital Input Voltage
VIND
-0.3
(VA+) + 0.3
V
Ambient Operating Temperature
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C
Notes: 15. In addition, VD+ should not be greater than (VA+) + 0.3V.
16. Transient currents of up to 100 mA will not cause SCR latch-up.
2-16
DS14F8
CS5012A CS5014 CS5016
10
DS14F9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com