Electronic Components Datasheet Search
  English  ▼

X  

FA11112 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA11112
Description  ~25째 medium beam optimized for Osram Ostar Lighting . 13.2 mm high assembly
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA11112 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA11112 Datasheet HTML 1Page - Ledil, Inc. FA11112 Datasheet HTML 2Page - Ledil, Inc. FA11112 Datasheet HTML 3Page - Ledil, Inc. FA11112 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FA11112_LOST-M
LOST-M
~25° medium beam optimized for Osram Ostar
Lighting
.
13.2
mm
high
assembly
with
installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
13.2 mm
Fastening
tape
Colour
black
Box size
Box weight
0 kg
Quantity in Box
2304 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LM1-M
Lens
PMMA
clear
LOST-LH1-TAPE-BLK
Holder
PC
black
LEILA-TAPE
Tape
PU tape 0,2mm
black
Last update: 06/06/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FA11112

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA11110 LEDIL-FA11110 Datasheet
4Mb / 4P
~14째 diffused spot beam optimized for Osram Ostar Lighting . 13.2 mm high assembly with installation tape.
FA11113 LEDIL-FA11113 Datasheet
4Mb / 4P
~40째 wide beam optimized for Osram Ostar Lighting . 13.2 mm high assembly
FA11114 LEDIL-FA11114 Datasheet
4Mb / 4P
~10째 x 40째 oval beam optimized for Osram Ostar Lighting . 13.2 mm high assembly
FA11115 LEDIL-FA11115 Datasheet
2Mb / 4P
~35째 x 25째 rectangular beam optimized for Osram Ostar Lighting . 13.2 mm high assembly
logo
Cree, Inc
FA11116 CREE-FA11116 Datasheet
1Mb / 20P
Leila series
More results

Similar Description - FA11112

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP10869 LEDIL-CP10869 Datasheet
3Mb / 5P
~25째 medium beam optimized for Nichia NCSxx19A. 14.3 mm high assembly.
CP12414 LEDIL-CP12414 Datasheet
1Mb / 5P
~25째 medium beam optimized for Osram Oslon Square EC. 14.3 mm high assembly.
FA10750 LEDIL-FA10750_18 Datasheet
3Mb / 4P
~25째 medium beam optimized for Osram Golden Dragon . 14.6 mm high assembly with installation tape.
FA11110 LEDIL-FA11110 Datasheet
4Mb / 4P
~14째 diffused spot beam optimized for Osram Ostar Lighting . 13.2 mm high assembly with installation tape.
FA11113 LEDIL-FA11113 Datasheet
4Mb / 4P
~40째 wide beam optimized for Osram Ostar Lighting . 13.2 mm high assembly
FA11114 LEDIL-FA11114 Datasheet
4Mb / 4P
~10째 x 40째 oval beam optimized for Osram Ostar Lighting . 13.2 mm high assembly
FA11115 LEDIL-FA11115 Datasheet
2Mb / 4P
~35째 x 25째 rectangular beam optimized for Osram Ostar Lighting . 13.2 mm high assembly
FCN11258 LEDIL-FCN11258_18 Datasheet
1,020Kb / 3P
~25째 medium beam optimized for Osram Golden Dragon . 14.6 mm high assembly.
FCN10787 LEDIL-FCN10787 Datasheet
2Mb / 4P
~25째 medium beam optimized for Seoul P4. 14.65 mm high assembly.
FCN10803 LEDIL-FCN10803 Datasheet
1Mb / 3P
~25째 medium beam optimized for LUXEON Rebel. 14.3 mm high assembly.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com