Electronic Components Datasheet Search
  English  ▼

X  

FCA15008 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCA15008
Description  ~25째 medium beam. Assembly with black holder and installation tape.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCA15008 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCA15008 Datasheet HTML 1Page - Ledil, Inc. FCA15008 Datasheet HTML 2Page - Ledil, Inc. FCA15008 Datasheet HTML 3Page - Ledil, Inc. FCA15008 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FCA15008_G2-ROSE-UV-M
G2-ROSE-UV-M
~25° medium beam. Assembly with black holder
and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
21.57 x 21.57 mm
Height
12.9 mm
Fastening
tape, pin
Colour
black
Box size
476 x 273 x 197 mm
Box weight
6.7 kg
Quantity in Box
1620 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
G2-ROSE-UV-M
Lens
Silicone
clear
G2-ROSE-LT-HLD
Holder
PC
black
ROSE-TAPE
Tape
PU tape
black
Last update: 14/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FCA15008

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCA15008 CREE-FCA15008 Datasheet
372Kb / 5P
Rose series
More results

Similar Description - FCA15008

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10252 LEDIL-CA10252_18 Datasheet
2Mb / 4P
~25째 medium beam. Assembly with tape.
CA10249 LEDIL-CA10249 Datasheet
2Mb / 4P
~25째 medium beam. 16.7 mm high assembly with installation tape.
CA10298 LEDIL-CA10298 Datasheet
2Mb / 4P
~25째 medium beam. 16.2 mm high assembly with installation tape.
CA15536 LEDIL-CA15536 Datasheet
1Mb / 4P
Asymmetric beam. Assembly with holder and installation tape.
FA13093 LEDIL-FA13093 Datasheet
4Mb / 5P
~30째 medium beam. Assembly with holder and installation tape.
CX15818 LEDIL-CX15818 Datasheet
3Mb / 5P
~25째 medium beam with holder and installation tape
CA14941 LEDIL-CA14941 Datasheet
4Mb / 5P
~25째 medium beam. Assembly with location pins and installation tape.
CA16203 LEDIL-CA16203 Datasheet
8Mb / 7P
~25째 spot beam with holder and installation tape
FA16988 LEDIL-FA16988 Datasheet
4Mb / 4P
~25째 wide beam. Assembly with installation tape.
CA11181 LEDIL-CA11181 Datasheet
1Mb / 5P
~25째 spot beam. Assembly with installation tape.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com