Electronic Components Datasheet Search
  English  ▼

X  

ETPW-2C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ETPW-2C
Description  Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ETPW-2C Datasheet(HTML) 2 Page - Vishay Siliconix

  ETPW-2C Datasheet HTML 1Page - Vishay Siliconix ETPW-2C Datasheet HTML 2Page - Vishay Siliconix ETPW-2C Datasheet HTML 3Page - Vishay Siliconix ETPW-2C Datasheet HTML 4Page - Vishay Siliconix ETPW-2C Datasheet HTML 5Page - Vishay Siliconix ETPW-2C Datasheet HTML 6Page - Vishay Siliconix ETPW-2C Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
121
ETPW
Vishay Roederstein
Document Number 42074
Revision 15-Aug-02
For technical questions, contact eurotant@vishay.com
• Preliminary values, contact factory for availability. For 10% tolerance, specify “9”; for 20% tolerance, change to “0”. Extended Ratings in bold print.
STANDARD RATINGS AND CASE CODES
C
R
µF
3.0V
6.3V
10V
16V
25V
35V
50V
0.10
1A
1A
0.15
1A
1A
0.22
1A
1A
0.33
1A
1B
0.47
1A
1B
0.68
1A
2C
1.0
1A
1A
2D
1.5
1A
1B
2E
2.2
1A
1B
2C
3F
3.3
1A
1B
2C
2D
3G
4.7
1A
1B
2C
2D
2E
4H
6.8
1A
1B
2C
2D
2E
3F
5J
10
1A
2C
2D
2E
3F
3G
5L
15
1B
2D
2E
3F
4H
5J
6M
22
2C
2E
3F
3G
5J
5L
6P
33
2D
3F
3G
4H
5K
6M
47
2E
3G
4H
5K
6M
6P
68
3F
4H
5J
5L
6N
100
3G
5J
5L
6N
150
4H
5L
6N
6R
220
5J
6M
6P
330
5L
6P
470
RATED VOLTAGE U
R at +85°C
STANDARD RATINGS
U
R= 3 Volt @ + 85 °C, Surge = 3.9 V
U
C = 2 V @ + 125 °C
6.8
1A
P1A685003(*)_ _D
4.0
7.1
10.5
2.5
0.5
0.5
6.0
0.06
10.0
1A
P1A106003(*)_ _D
4.0
7.1
10.5
2.5
0.5
0.5
5.0
0.08
15.0
1B
P1B156003(*)_ _D
4.0
7.1
10.5
2.5
0.5
0.5
4.0
0.08
22.0
2C
P2C226003(*)_ _D
4.5
8.0
11.0
2.5
0.5
0.7
3.2
0.08
33.0
2D
P2D336003(*)_ _D
4.5
8.0
11.0
2.5
0.5
1.0
2.5
0.08
47.0
2E
P2E476003(*)_ _D
5.0
9.5
12.5
2.5
0.5
1.4
2.0
0.08
68.0
3F
P3F686003(*)_ _D
5.0
9.5
12.5
2.5
0.5
2.0
1.6
0.08
100.0
3G
P3G107003(*)_ _D
5.5
10.0
13.0
2.5
0.5
3.0
1.2
0.10
150.0
4H
P4H157003(*)_ _D
6.0
10.0
13.0
2.5
0.5
4.5
1.0
0.10
220.0
5J
P5J227003(*)_ _D
8.6
12.5
15.5
5.0
0.5
6.6
0.8
0.10
330.0
5L
P5L337003(*)_ _D
8.6
12.5
15.5
5.0
0.5
9.9
0.6
0.10
CASE
CODE
PART NUMBER
CR
(
µF)
D MAX
(mm)
H MAX
(mm)
H2 MAX
(mm)
RM
± 0.05
d
± 0.05
MAX. DCL
@ + 20
°C,
(
µA)
MAX. Z
@ 100kHz
(OHMS)
MAX. DF
@ 120Hz
+ 20
°C
(*)
Insert M for ± 20% tolerance or K for ± 10%
_ _
Lead style and packaging code, see lead style and packaging
DIMENSIONS
Resin-Coated, Radial-Leaded
Solid Tantalum Capacitors



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com