Electronic Components Datasheet Search
  English  ▼

X  

ISL78233 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL78233
Description  3A and 4A Compact Synchronous Buck Regulators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL78233 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL78233 Datasheet HTML 9Page - Renesas Technology Corp ISL78233 Datasheet HTML 10Page - Renesas Technology Corp ISL78233 Datasheet HTML 11Page - Renesas Technology Corp ISL78233 Datasheet HTML 12Page - Renesas Technology Corp ISL78233 Datasheet HTML 13Page - Renesas Technology Corp ISL78233 Datasheet HTML 14Page - Renesas Technology Corp ISL78233 Datasheet HTML 15Page - Renesas Technology Corp ISL78233 Datasheet HTML 16Page - Renesas Technology Corp ISL78233 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
ISL78233, ISL78234
FN8359 Rev 8.00
Page 13 of 21
Apr 19, 2018
Theory of Operation
The ISL78233, ISL78234 are step-down switching regulators
optimized for automotive battery powered applications. The
regulator operates at a 2MHz default switching frequency for
high efficiency and allow smaller form factor, when FS is
connected to VIN. By connecting a resistor from FS to SGND, the
operational frequency adjustable range is 500kHz to 4MHz. At
light load, the regulator reduces the switching frequency, unless
forced to the fixed frequency, to minimize the switching loss and
to maximize the battery life. The quiescent current when the
output is not loaded is typically only 45µA. The supply current is
typically only 3.8µA when the regulator is shut down.
PWM Control Scheme
Pulling the SYNC pin HI (>0.8V) forces the converter into PWM
mode, regardless of output current. The ISL78233, ISL78234
employs the current-mode Pulse-Width Modulation (PWM)
control scheme for fast transient response and pulse-by-pulse
current limiting. Figure 3 on page 5 shows the functional block
diagram. The current loop consists of the oscillator, the PWM
comparator, current-sensing circuit, and the slope compensation
for the current loop stability. The slope compensation is
440mV/Ts, which changes proportionally with frequency. The
gain for the current-sensing circuit is typically 200mV/A. The
control reference for the current loops comes from the Error
Amplifier's (EAMP) output.
The PWM operation is initialized by the clock from the oscillator.
The P-channel MOSFET is turned on at the beginning of a PWM
cycle and the current in the MOSFET starts to ramp up. When the
sum of the current amplifier CSA and the slope compensation
reaches the control reference of the current loop, the PWM
comparator COMP sends a signal to the PWM logic to turn off the
PFET and turn on the N-channel MOSFET. The NFET stays on until
the end of the PWM cycle. Figure 33 shows the typical operating
waveforms during the PWM operation. The dotted lines illustrate
the sum of the slope compensation ramp and the current-sense
amplifier’s CSA output.
The output voltage is regulated by controlling the VEAMP voltage
to the current loop. The bandgap circuit outputs a 0.6V reference
voltage to the voltage loop. The feedback signal comes from the
VFB pin. The soft-start block only affects the operation during the
start-up and will be discussed separately. The error amplifier is a
transconductance amplifier that converts the voltage error signal
to a current output. The voltage loop is internally compensated
with the 55pF and 100kΩ RC network. The maximum EAMP
voltage output is precisely clamped to 2.5V.
Skip Mode
Pulling the SYNC pin LO (<0.4V) forces the converter into PFM
mode. The ISL78233, ISL78234 enters a Pulse-Skipping mode
at light load to minimize the switching loss by reducing the
switching frequency. Figure 34 on page 14 illustrates Skip mode
operation. A zero-cross sensing circuit shown in Figure 3 on
page 5 monitors the NFET current for zero crossing. When 16
consecutive cycles are detected, the regulator enters Skip mode.
During the sixteen detecting cycles, the current in the inductor is
allowed to become negative. The counter is reset to zero when
the current in any cycle does not cross zero.
Once Skip mode is entered, the pulse modulation starts being
controlled by the Skip comparator shown in Figure 3 on page 5.
Each pulse cycle is still synchronized by the PWM clock. The PFET
is turned on at the clock's rising edge and turned off when the
output is higher than 1.2% of the nominal regulation or when its
current reaches the peak Skip current limit value. Then, the
inductor current is discharging to 0A and stays at zero (the
internal clock is disabled), and the output voltage reduces
gradually due to the load current discharging the output
capacitor. When the output voltage drops to the nominal voltage,
the PFET will be turned on again at the rising edge of the internal
clock as it repeats the previous operations.
The regulator resumes normal PWM mode operation when the
output voltage drops 1.2% below the nominal voltage.
FIGURE 33. PWM OPERATION WAVEFORMS
VEAMP
VCSA
DUTY
CYCLE
IL
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com